データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DL-3147-065 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DL-3147-065 Datasheet

  • # Example questions: ➢ What is the maximum reverse voltage that the laser diode can withstand?
    ➢ What is the range of operating temperatures specified for this laser diode?
    ➢ What is the typical lasing wavelength of this laser diode?

  • Part No.DL-3147-065
    ManufacturerSANYO
    Size35 Kbytes
    Pages2 pages
    DescriptionRED LASER DIODE
    Datasheet Summary with AI

    # DL-3147-065 RED LASER DIODE

    ## Features
    · Short wavelength: 650 nm (Typ.)
    · Low threshold current: Ith = 25 mA (Typ.)
    · High operating temperature: 5 mW at 70°C
    · TE mode

    ## Applications
    · DVD-ROM/PLAYER

    ## Absolute Maximum Ratings (Tc=25°C)
    · Light Output (CW Po): 7 mW
    · Reverse Voltage (Laser): 2 V
    · Reverse Voltage (PD): 30 V
    · Operating Temperature: -10 to +70 °C
    · Storage Temperature: -40 to +85 °C

    ## Electrical and Optical Characteristics (Tc=25°C)
    Parameters

    | Parameter | Symbol | Condition | Min. | Typ. | Max. | Unit |
    |------------------------|--------|-----------|------|------|------|------|
    | Threshold Current | Ith | CW | - | 25 | 40 | mA |
    | Operating Current | Iop | Po=5mW | - | 35 | 50 | mA |
    | Operating Voltage | Vop | Po=5mW | - | 2.3 | 2.6 | V |
    | Lasing Wavelength | Lp | Po=5mW | 645 | 650 | 660 | nm |
    | Beam Divergence (Qv) | Qv | Po=5mW | 25 | 30 | 35 | ° |
    | Beam Divergence (Qh) | Qh | Po=5mW | 7.0 | 8.0 | 10 | ° |
    | Differential Efficiency | dPo/dIop | - | 0.3 | 0.5 | 0.8 | mW/mA |

    ## Package Dimensions
    · Effective window diameter: 1.0mm min.
    · Pin connections available in datasheet.

    # DL-3147-065 RED LASER DIODE

    ## Features
    · Short wavelength: 650 nm (Typ.)
    · Low threshold current: Ith = 25 mA (Typ.)
    · High operating temperature: 5 mW at 70°C
    · TE mode

    ## Applications
    · DVD-ROM/PLAYER

    ## Absolute Maximum Ratings (Tc=25°C)
    · Light Output (CW Po): 7 mW
    · Reverse Voltage (Laser): 2 V
    · Reverse Voltage (PD): 30 V
    · Operating Temperature: -10 to +70 °C
    · Storage Temperature: -40 to +85 °C

    ## Electrical and Optical Characteristics (Tc=25°C)
    Parameters
    Parameter Symbol Condition Min. Typ. Max. Unit
    Threshold Current Ith CW - 25 40 mA
    Operating Current Iop Po=5mW - 35 50 mA
    Operating Voltage Vop Po=5mW - 2.3 2.6 V
    Lasing Wavelength Lp Po=5mW 645 650 660 nm
    Beam Divergence (Qv) Qv Po=5mW 25 30 35 °
    Beam Divergence (Qh) Qh Po=5mW 7.0 8.0 10 °
    Differential Efficiency dPo/dIop - 0.3 0.5 0.8 mW/mA

    ## Package Dimensions
    · Effective window diameter: 1.0mm min.
    · Pin connections available in datasheet.

    Part No.DL-3147-065
    ManufacturerSANYO
    Size35 Kbytes
    Pages2 pages
    DescriptionRED LASER DIODE