データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LBF6224-20DLXA-8B Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LBF6224-20DLXA-8B Datasheet

  • # Example questions: ➢ What are the chromaticity coordinates (x, y) for the center point of the 2700k color temperature?
    ➢ What is the macadam ellipse step size for the 2700k color temperature?
    ➢ What is the typical forward current (if) specified for the lbf6224-20dlxa-8b led?

  • Part No.LBF6224-20DLXA-8B
    ManufacturerROHM
    Size221 Kbytes
    Pages6 pages
    DescriptionLED COB
    Datasheet Summary with AI

    1. General Information:

    ️· Part Number: LBF6224-20DLXA-8B
    ️· Date: 2012/9/6 (indicating this is an older specification)
    ️· Revision: Rev. A
    ️· Pages: 6/10 (implying this is part of a larger document)
    ️· Product Type: LED COB (Chip on Board)

    2. Electrical & Optical Characteristics (from the beginning of the document):

    ️· Forward Current (IF): 0.4A (presumably maximum)
    ️· Color Temperature: Specifies two color temperatures:
    - 6500K: Cool White
    - 2700K: Warm White
    ️· Luminous Flux: Values are likely provided in other parts of the full specification sheet.
    ️· Color Coordinates: Precise chromaticity coordinates (x, y) are given for both 6500K and 2700K, ensuring color consistency. These coordinates define the specific hue and saturation of the emitted light.
    ️· MacAdam Ellipse: 3-step and 4-step MacAdam ellipses are referenced, indicating the allowable color variation. A smaller step number means tighter color control.
    ️· Color Rank: The sheet indicates a color ranking system, used for sorting LEDs based on their chromaticity. This ensures consistency between different batches.

    3. Chromaticity Diagrams and Color Bins:

    ️· Chromaticity Diagrams: Multiple diagrams show the chromaticity coordinates for different color bins (L1, C1, H1, L2, C2, H2 for 6500K; L, C, H for 2700K). This visual representation helps visualize the allowable color variation within each bin.
    ️· Color Bins: The document defines specific color bins (L, C, H for 2700K, L1, C1, H1, L2, C2, H2 for 6500K) with corresponding chromaticity coordinates.

    4. Important Notes & Possible Implications:

    ️· Date (2012): This is an older specification, so current manufacturing may differ.
    ️· Color Ranking: The detailed color ranking system suggests the LEDs were targeted towards applications where consistent color is critical.
    ️· MacAdam Ellipse: The specified MacAdam ellipse steps (3 and 4) indicate the acceptable level of color deviation.

    In summary, this specification sheet details the optical and electrical characteristics of the LBF6224-20DLXA-8B LED COB. It focuses heavily on color control through defined color bins, chromaticity coordinates, and MacAdam ellipse specifications. It's a detailed document meant for manufacturers, engineers, or anyone involved in designing with this specific LED module.

    1. General Information:

    ️· Part Number: LBF6224-20DLXA-8B
    ️· Date: 2012/9/6 (indicating this is an older specification)
    ️· Revision: Rev. A
    ️· Pages: 6/10 (implying this is part of a larger document)
    ️· Product Type: LED COB (Chip on Board)

    2. Electrical & Optical Characteristics (from the beginning of the document):

    ️· Forward Current (IF): 0.4A (presumably maximum)
    ️· Color Temperature: Specifies two color temperatures:
    - 6500K: Cool White
    - 2700K: Warm White
    ️· Luminous Flux: Values are likely provided in other parts of the full specification sheet.
    ️· Color Coordinates: Precise chromaticity coordinates (x, y) are given for both 6500K and 2700K, ensuring color consistency. These coordinates define the specific hue and saturation of the emitted light.
    ️· MacAdam Ellipse: 3-step and 4-step MacAdam ellipses are referenced, indicating the allowable color variation. A smaller step number means tighter color control.
    ️· Color Rank: The sheet indicates a color ranking system, used for sorting LEDs based on their chromaticity. This ensures consistency between different batches.

    3. Chromaticity Diagrams and Color Bins:

    ️· Chromaticity Diagrams: Multiple diagrams show the chromaticity coordinates for different color bins (L1, C1, H1, L2, C2, H2 for 6500K; L, C, H for 2700K). This visual representation helps visualize the allowable color variation within each bin.
    ️· Color Bins: The document defines specific color bins (L, C, H for 2700K, L1, C1, H1, L2, C2, H2 for 6500K) with corresponding chromaticity coordinates.

    4. Important Notes & Possible Implications:

    ️· Date (2012): This is an older specification, so current manufacturing may differ.
    ️· Color Ranking: The detailed color ranking system suggests the LEDs were targeted towards applications where consistent color is critical.
    ️· MacAdam Ellipse: The specified MacAdam ellipse steps (3 and 4) indicate the acceptable level of color deviation.

    In summary, this specification sheet details the optical and electrical characteristics of the LBF6224-20DLXA-8B LED COB. It focuses heavily on color control through defined color bins, chromaticity coordinates, and MacAdam ellipse specifications. It's a detailed document meant for manufacturers, engineers, or anyone involved in designing with this specific LED module.

    Part No.LBF6224-20DLXA-8B
    ManufacturerROHM
    Size221 Kbytes
    Pages6 pages
    DescriptionLED COB