データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC3231 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SC3231 Datasheet

  • # Example questions: ➢ What is the maximum collector-base voltage (vcbo) this transistor can withstand?
    ➢ What is the typical dc current gain (hfe-1) when the collector current is 1a and the collector-emitter voltage is 5v?
    ➢ How does the total power dissipation (pc) change when the operating temperature shifts from ta=25°c to tc=25°c?

  • Part No.2SC3231
    ManufacturerNJSEMI
    Size124 Kbytes
    Pages2 pages
    DescriptionSilicon NPN Power Transistor
    Datasheet Summary with AI

    # 2SC3231 Silicon NPN Power Transistor

    ## Description
    ️· Large Current Capability
    ️· High Collector Power Dissipation
    ️· Designed for BAA/ TV horizontal deflection output applications.

    ## Absolute Maximum Ratings (Ta=25°C)
    ️· VCBO (Collector-Base Voltage): 200V
    ️· VCEO (Collector-Emitter Voltage): 60V
    ️· VEBO (Emitter-Base Voltage): 5V
    ️· Ic (Collector Current - Continuous): 4A
    ️· ICM (Collector Current - Peak): 10A
    ️· IB (Base Current - Continuous): 1A
    ️· PC (Total Power Dissipation @ Ta=25°C): 2W
    ️· PC (Total Power Dissipation @ Tc=25°C): 40W
    ️· Tj (Junction Temperature): 150°C
    ️· Tstg (Storage Temperature Range): -55°C to 150°C

    ## Package and Pinout

    ️· TO-220C package
    - Pin 1: Base
    - Pin 2: Collector
    - Pin 1: Emitter

    ## Electrical Characteristics (Tc=25°C)
    ️· VcE(sat) (Collector-Emitter Saturation Voltage): 30V (Max)
    ️· VBE(sat) (Base-Emitter Saturation Voltage): 20V (Max)
    ️· ICBO (Collector Cutoff Current): 1uA (Max)
    ️· IEBO (Emitter Cutoff Current): 150uA (Max)
    ️· hFE1 (DC Current Gain): 8 (Typ)
    ️· hFE2 (DC Current Gain): 10 (Typ)
    ️· fT (Current-Gain - Bandwidth Product): 150 MHz (Typ)

    # 2SC3231 Silicon NPN Power Transistor

    ## Description
    ️· Large Current Capability
    ️· High Collector Power Dissipation
    ️· Designed for BAA/ TV horizontal deflection output applications.

    ## Absolute Maximum Ratings (Ta=25°C)
    ️· VCBO (Collector-Base Voltage): 200V
    ️· VCEO (Collector-Emitter Voltage): 60V
    ️· VEBO (Emitter-Base Voltage): 5V
    ️· Ic (Collector Current - Continuous): 4A
    ️· ICM (Collector Current - Peak): 10A
    ️· IB (Base Current - Continuous): 1A
    ️· PC (Total Power Dissipation @ Ta=25°C): 2W
    ️· PC (Total Power Dissipation @ Tc=25°C): 40W
    ️· Tj (Junction Temperature): 150°C
    ️· Tstg (Storage Temperature Range): -55°C to 150°C

    ## Package and Pinout
    ️· TO-220C package
    - Pin 1: Base
    - Pin 2: Collector
    - Pin 1: Emitter

    ## Electrical Characteristics (Tc=25°C)
    ️· VcE(sat) (Collector-Emitter Saturation Voltage): 30V (Max)
    ️· VBE(sat) (Base-Emitter Saturation Voltage): 20V (Max)
    ️· ICBO (Collector Cutoff Current): 1uA (Max)
    ️· IEBO (Emitter Cutoff Current): 150uA (Max)
    ️· hFE1 (DC Current Gain): 8 (Typ)
    ️· hFE2 (DC Current Gain): 10 (Typ)
    ️· fT (Current-Gain - Bandwidth Product): 150 MHz (Typ)

    Part No.2SC3231
    ManufacturerNJSEMI
    Size124 Kbytes
    Pages2 pages
    DescriptionSilicon NPN Power Transistor