データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25LQ256DFIS
MfrGIGADEVICE
Size1Mb
Pages85 pages
Description1.8V Uniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. Device Overview (General)

️· This document describes a flash memory device (likely a NAND or NOR flash).
️· It focuses on functionality and key registers.

2. Status Register Details

The Status Register is critical for monitoring and controlling the device. Here's a breakdown of the bits:

️· WIP (Write In Progress):
- `1`: Device is busy with a program, erase, or write-to-status-register operation.
- `0`: Device is idle (not busy).
️· WEL (Write Enable Latch):
- `1`: Write Enable Latch is set. Allows Write Status Register, Program, and Erase commands.
- `0`: Write Enable Latch is reset. Write commands are disabled.
️· BP4, BP3, BP2, BP1, BP0 (Block Protect Bits):
- Non-volatile bits that define a software-protected memory area.
- When set to '1', the corresponding memory area is protected from Program and Erase commands.
- Written using the Write Status Register (WRSR) command.
- The block protect bits interact with the CMP bit to define how the erase command will operate.
️· SRP1, SRP0 (Status Register Protect Bits):
- Non-volatile bits that control how the Status Register can be written (locked down). They interact with the #WP (hardware protection) pin. See the table for details.

3. SRP1, SRP0 and #WP Interaction (Table Summary)

SRP1 SRP0 #WP Status Register Description
0 0 X Software Protected Default. Writable after a Write Enable command.
0 1 0 Hardware Protected Status Register is locked by #WP=0.
0 1 1 Hardware Unprotected Status Register is writable after a Write Enable command if #WP=1.
1 0 X Power Supply Lock-Down Status Register is protected until the next power cycle.
1 1 X One-Time Programmable Status Register is permanently protected.

4. CMP bit
The CMP bit is related to the Block Protect bits and how erase commands will operate.

Key Takeaways & Considerations

️· WEL is Essential: You *must* have WEL = 1 before attempting to write to the Status Register, Program, or Erase.
GD25LQ256DFIS Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25LQ256DFIS Datasheet.
    Example questions: ➤ What are the key differences between the cmp bit set to 0 and cmp bit set to 1 regarding memory protection, as detailed in table1 and table2?➤ Describe the function of the wip (write in progress) bit in the status register and how it indicates the device's operational status.➤ Explain the different protection levels achievable with the srp1 and srp0 bits, including how hardware protection (srp1=0, srp0=1) impacts write access to the status register.
  • Datasheet Details
    Part No.GD25LQ256DFIS
    ManufacturerGIGADEVICE
    Size1Mb
    Pages85 pages
    Description1.8V Uniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. Device Overview (General)

    ️· This document describes a flash memory device (likely a NAND or NOR flash).
    ️· It focuses on functionality and key registers.

    2. Status Register Details

    The Status Register is critical for monitoring and controlling the device. Here's a breakdown of the bits:

    ️· WIP (Write In Progress):
    - `1`: Device is busy with a program, erase, or write-to-status-register operation.
    - `0`: Device is idle (not busy).
    ️· WEL (Write Enable Latch):
    - `1`: Write Enable Latch is set. Allows Write Status Register, Program, and Erase commands.
    - `0`: Write Enable Latch is reset. Write commands are disabled.
    ️· BP4, BP3, BP2, BP1, BP0 (Block Protect Bits):
    - Non-volatile bits that define a software-protected memory area.
    - When set to '1', the corresponding memory area is protected from Program and Erase commands.
    - Written using the Write Status Register (WRSR) command.
    - The block protect bits interact with the CMP bit to define how the erase command will operate.
    ️· SRP1, SRP0 (Status Register Protect Bits):
    - Non-volatile bits that control how the Status Register can be written (locked down). They interact with the #WP (hardware protection) pin. See the table for details.

    3. SRP1, SRP0 and #WP Interaction (Table Summary)

    SRP1 SRP0 #WP Status Register Description
    0 0 X Software Protected Default. Writable after a Write Enable command.
    0 1 0 Hardware Protected Status Register is locked by #WP=0.
    0 1 1 Hardware Unprotected Status Register is writable after a Write Enable command if #WP=1.
    1 0 X Power Supply Lock-Down Status Register is protected until the next power cycle.
    1 1 X One-Time Programmable Status Register is permanently protected.

    4. CMP bit
    The CMP bit is related to the Block Protect bits and how erase commands will operate.

    Key Takeaways & Considerations

    ️· WEL is Essential: You *must* have WEL = 1 before attempting to write to the Status Register, Program, or Erase.