データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RFLPF16082G6W0T Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about RFLPF16082G6W0T Datasheet

  • # Example questions: ➢ What is the maximum allowable time (in months) that the product can be stored from the date of walsin outgoing inspection before it should be used?
    ➢ What are the key dimensions of the paper tape used for packaging the rf lpf 1608 component (specifically, values for ao, bo, and φd)?
    ➢ List three types of equipment or applications for which the manufacturer advises contacting them *before* using the rf lpf 1608 component due to high reliability requirements.

  • Part No.RFLPF16082G6W0T
    ManufacturerWALSIN
    Size521 Kbytes
    Pages7 pages
    Description2.6 GHz WiMAX / LTE Bands Working Frequency
    Datasheet Summary with AI

    # RFLPF16082G6W0T Low Pass Filter

    ## Features
    · Miniature Size: 1.6 x 0.8 x 0.6 mm
    · Low Profile
    · Low Insertion Loss
    · Suppressed 2nd Harmonic
    · LTCC Process

    ## Applications
    · 2.6 GHz WiMAX / LTE Band RF Applications

    ## Electrical Characteristics
    · Frequency Range: 2300~2600MHz
    · Insertion Loss: 0.6 dB max
    · Attenuation: 26 dB min @ 4800 ~ 5390 MHz, 23 dB min @ 7200 ~ 8085 MHz
    · VSWR: 2.0 max
    · Impedance: 50 Ω
    · Operating Temperature: -40°C ~ +85°C
    · Moisture Sensitivity Level: MSL Level 1 (IPC/JEDEC J-STD-020)

    ## Dimensions
    · L: 1.60 ± 0.15 mm
    · W: 0.80 ± 0.15 mm
    · T: 0.60 ± 0.10 mm
    · A: 0.175 ± 0.15 mm
    · B: 0.25 ± 0.15 mm
    · C: 0.25 ± 0.15 mm
    · D: 0.5 ± 0.15 mm
    · E: 0.2 ± 0.15 mm

    ## Pin Definition
    · P1: IN
    · P2: GND
    · P3: OUT
    · P4: NC
    · P5: GND
    · P6: NC

    ## Reliability Tests
    · Includes tests for Solderability, Leaching, Resistance to soldering heat, Drop Test, Vibration, Adhesive Strength of Termination, Bending test, Temperature cycle, High temperature, Humidity, and Low temperature.

    ## Ordering Information
    · Ordering Code: RFLPF16082G6W0T
    · Packaging: Reeled (T)
    · Minimum Order Quantity: 4000 pcs/reel

    ## Packaging Specifications
    · Paper Tape Dimensions (mm): Ao: 0.975 ± 0.05, Bo: 1.76 ± 0.05, ΦD: 1.55 + 0.05, T: 0.75 ± 0.1, W: 8.0 ± 0.10, E: 1.75 ± 0.10, F: 3.50 ± 0.05, Po: 4.00 ± 0.10, P1: 4.00 ± 0.10, P2: 2.00 ± 0.05
    · Reel Dimensions: A: Φ178.0, B: Φ60.0, C: Φ13.0

    ## Handling Cautions
    · Application Limitation: Not for high-reliability applications (aircraft, aerospace, medical, etc.) without contacting the manufacturer.
    · Storage: Use within 6 months. Store at -10 to +40°C and 30-70% relative humidity, protected from corrosive gases, heat, vibration, and direct sunlight, in airtight packaging.

    # RFLPF16082G6W0T Low Pass Filter

    ## Features
    · Miniature Size: 1.6 x 0.8 x 0.6 mm
    · Low Profile
    · Low Insertion Loss
    · Suppressed 2nd Harmonic
    · LTCC Process

    ## Applications
    · 2.6 GHz WiMAX / LTE Band RF Applications

    ## Electrical Characteristics
    · Frequency Range: 2300~2600MHz
    · Insertion Loss: 0.6 dB max
    · Attenuation: 26 dB min @ 4800 ~ 5390 MHz, 23 dB min @ 7200 ~ 8085 MHz
    · VSWR: 2.0 max
    · Impedance: 50 Ω
    · Operating Temperature: -40°C ~ +85°C
    · Moisture Sensitivity Level: MSL Level 1 (IPC/JEDEC J-STD-020)

    ## Dimensions
    · L: 1.60 ± 0.15 mm
    · W: 0.80 ± 0.15 mm
    · T: 0.60 ± 0.10 mm
    · A: 0.175 ± 0.15 mm
    · B: 0.25 ± 0.15 mm
    · C: 0.25 ± 0.15 mm
    · D: 0.5 ± 0.15 mm
    · E: 0.2 ± 0.15 mm

    ## Pin Definition
    · P1: IN
    · P2: GND
    · P3: OUT
    · P4: NC
    · P5: GND
    · P6: NC

    ## Reliability Tests
    · Includes tests for Solderability, Leaching, Resistance to soldering heat, Drop Test, Vibration, Adhesive Strength of Termination, Bending test, Temperature cycle, High temperature, Humidity, and Low temperature.

    ## Ordering Information
    · Ordering Code: RFLPF16082G6W0T
    · Packaging: Reeled (T)
    · Minimum Order Quantity: 4000 pcs/reel

    ## Packaging Specifications
    · Paper Tape Dimensions (mm): Ao: 0.975 ± 0.05, Bo: 1.76 ± 0.05, ΦD: 1.55 + 0.05, T: 0.75 ± 0.1, W: 8.0 ± 0.10, E: 1.75 ± 0.10, F: 3.50 ± 0.05, Po: 4.00 ± 0.10, P1: 4.00 ± 0.10, P2: 2.00 ± 0.05
    · Reel Dimensions: A: Φ178.0, B: Φ60.0, C: Φ13.0

    ## Handling Cautions
    · Application Limitation: Not for high-reliability applications (aircraft, aerospace, medical, etc.) without contacting the manufacturer.
    · Storage: Use within 6 months. Store at -10 to +40°C and 30-70% relative humidity, protected from corrosive gases, heat, vibration, and direct sunlight, in airtight packaging.

    Part No.RFLPF16082G6W0T
    ManufacturerWALSIN
    Size521 Kbytes
    Pages7 pages
    Description2.6 GHz WiMAX / LTE Bands Working Frequency