データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD882 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CSD882 Datasheet

  • # Example questions: ➢ What are the minimum and maximum storage temperatures for the csd882 transistor?
    ➢ What is the typical output capacitance of the csd882 at a frequency of 1 mhz?
    ➢ What is the maximum collector current, both dc and pulsed, that the csd882 transistor can handle?

  • Part No.CSD882
    ManufacturerCDIL
    Size136 Kbytes
    Pages3 pages
    DescriptionAudio Frequency Power Amplifier and Low Speed Switching Applications
    Datasheet Summary with AI

    # CSD882 NPN Plastic Power Transistor

    ## General Description
    ️· Complementary: CSB772
    ️· Applications: Audio Frequency Power Amplifier, Low Speed Switching
    ️· Package: TO126 (SOT-32) Plastic Package

    ## Absolute Maximum Ratings
    ️· VCBO: >40 V
    ️· VCEO: >30 V
    ️· VEBO: >5.0 V
    ️· IC (DC): <3.0 A
    ️· IC (Pulse): <7 A
    ️· IB: <0.6 A
    ️· Ptot@25ºC: <1.0 W
    ️· Ptot@25ºC: <10 W
    ️· Junction Temperature: 150 ºC
    ️· Storage Temperature: -65 to +150 ºC

    ## Electrical Characteristics
    ️· CBO: 1.0 µA @ IE = 0, VCB = 30V
    ️· IEBO: 1.0 µA @ IC = 0, VEB = 3V
    ️· VCEO (Breakdown): 30 V @ IC = 1mA, IB = 0
    ️· VCBO (Breakdown): 40 V @ IC = 1mA, IE = 0
    ️· VEBO (Breakdown): 5 V @ IC = 0, IE = 1mA
    ️· VCE(sat): 0.5 V @ IC = 2A, IB = 0.2A
    ️· VBE(sat): 2.0 V @ IC=2A, IB=0.2A
    ️· hFE (DC Current Gain): 30 @ IC = 20mA, VCE = 2V; 60-400 @ IC = 1A, VCE = 2V
    ️· Co (Output Capacitance): 45 pF @ f = 1MHz, IE = 0, VCB = 10V
    ️· fT (Transition Frequency): 90 MHz @ IC = 0.1A, VCE = 5V

    ## Pin Configuration
    1. Emitter
    2. Collector
    3. Base

    ## Physical Characteristics
    ️· All dimensions in mm
    ️· TO-126 Bulk Packing: 500 pcs/polybag, 340 gm/500 pcs, 3" x 7.5" x 7.5"
    ️· TO-126 Tube Packing: 50 pcs/tube, 73 gm/50 pcs, 3" x 3.7" x 21.5"

    ## Disclaimer
    ️· CDIL is registered Trademark of Continental Device India Limited.

    # CSD882 NPN Plastic Power Transistor

    ## General Description
    ️· Complementary: CSB772
    ️· Applications: Audio Frequency Power Amplifier, Low Speed Switching
    ️· Package: TO126 (SOT-32) Plastic Package

    ## Absolute Maximum Ratings
    ️· VCBO: >40 V
    ️· VCEO: >30 V
    ️· VEBO: >5.0 V
    ️· IC (DC): <3.0 A
    ️· IC (Pulse): <7 A
    ️· IB: <0.6 A
    ️· Ptot@25ºC: <1.0 W
    ️· Ptot@25ºC: <10 W
    ️· Junction Temperature: 150 ºC
    ️· Storage Temperature: -65 to +150 ºC

    ## Electrical Characteristics
    ️· CBO: 1.0 µA @ IE = 0, VCB = 30V
    ️· IEBO: 1.0 µA @ IC = 0, VEB = 3V
    ️· VCEO (Breakdown): 30 V @ IC = 1mA, IB = 0
    ️· VCBO (Breakdown): 40 V @ IC = 1mA, IE = 0
    ️· VEBO (Breakdown): 5 V @ IC = 0, IE = 1mA
    ️· VCE(sat): 0.5 V @ IC = 2A, IB = 0.2A
    ️· VBE(sat): 2.0 V @ IC=2A, IB=0.2A
    ️· hFE (DC Current Gain): 30 @ IC = 20mA, VCE = 2V; 60-400 @ IC = 1A, VCE = 2V
    ️· Co (Output Capacitance): 45 pF @ f = 1MHz, IE = 0, VCB = 10V
    ️· fT (Transition Frequency): 90 MHz @ IC = 0.1A, VCE = 5V

    ## Pin Configuration
    1. Emitter
    2. Collector
    3. Base

    ## Physical Characteristics
    ️· All dimensions in mm
    ️· TO-126 Bulk Packing: 500 pcs/polybag, 340 gm/500 pcs, 3" x 7.5" x 7.5"
    ️· TO-126 Tube Packing: 50 pcs/tube, 73 gm/50 pcs, 3" x 3.7" x 21.5"

    ## Disclaimer
    ️· CDIL is registered Trademark of Continental Device India Limited.

    Part No.CSD882
    ManufacturerCDIL
    Size136 Kbytes
    Pages3 pages
    DescriptionAudio Frequency Power Amplifier and Low Speed Switching Applications