| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MVI56E-DNPNET Datasheet
# Example questions:
➢ What type of ethernet cable is recommended for use with the module's ethernet port?
➢ What are the operating temperature limits for this module?
➢ What is the maximum number of dnp3 ethernet server devices this module can connect to when operating as a client?
# MVI56E-DNPNET DNP3 Ethernet Communication Module
## Overview
The MVI56E-DNPNET module enables ControlLogix PACs to interface with DNP3 Ethernet networks, functioning as both a client and server. It supports up to 40 IED connections as a client and a single TCP/IP connection as a server.
## Key Features
· DNP3 Client: Supports up to 40 IED connections and 300 commands.
· DNP3 Server: Supports one TCP/IP connection and UDP services.
· Data Capacity: Supports up to 20,000 data points (client) and 5,000 (server) with various data types.
· Event Buffer: 20,000 event queue size for binary, analog 16, analog 32, and float data.
· Configuration: Utilizes Add-On Instructions (AOI) in RSLogix 5000.
· Diagnostics: Remote diagnostics via ProSoft Configuration Builder or controller tags.
## Data Type Support (Client)
· Binary Inputs: 8,000
· Binary Outputs: 8,000
· Counters: 1,000
· Analog Inputs: Max 20,000 (16-bit) or 10,000 (32-bit/Float)
· Analog Outputs: Max 20,000 (16-bit) or 10,000 (32-bit/Float)
## Data Type Support (Server)
· Binary Inputs: 8,000
· Binary Outputs: 8,000
· Counters: 1,000
· Analog Inputs: Max 5,000 (16-bit) or 2,500 (32-bit/Float)
· Analog Outputs: Max 5,000 (16-bit) or 2,500 (32-bit/Float)
## Hardware Specifications
· Backplane Current: 800 mA @ 5 Vdc, 3 mA @ 24 Vdc
· Operating Temperature: 0°C to 60°C (32°F to 140°F)
· Storage Temperature: -40°C to 85°C (-40°F to 185°F)
· Ethernet Port: 10/100 Base-T, RJ45, Auto-crossover detection
· LED Indicators: Battery Status, Application Status, Module Status, IP Address display.
## Compatibility
· Single-slot 1756 ControlLogix backplane compatible.
· Supports CIPconnect for network diagnostics.
# MVI56E-DNPNET DNP3 Ethernet Communication Module
## Overview
The MVI56E-DNPNET module enables ControlLogix PACs to interface with DNP3 Ethernet networks, functioning as both a client and server. It supports up to 40 IED connections as a client and a single TCP/IP connection as a server.
## Key Features
· DNP3 Client: Supports up to 40 IED connections and 300 commands.
· DNP3 Server: Supports one TCP/IP connection and UDP services.
· Data Capacity: Supports up to 20,000 data points (client) and 5,000 (server) with various data types.
· Event Buffer: 20,000 event queue size for binary, analog 16, analog 32, and float data.
· Configuration: Utilizes Add-On Instructions (AOI) in RSLogix 5000.
· Diagnostics: Remote diagnostics via ProSoft Configuration Builder or controller tags.
## Data Type Support (Client)
· Binary Inputs: 8,000
· Binary Outputs: 8,000
· Counters: 1,000
· Analog Inputs: Max 20,000 (16-bit) or 10,000 (32-bit/Float)
· Analog Outputs: Max 20,000 (16-bit) or 10,000 (32-bit/Float)
## Data Type Support (Server)
· Binary Inputs: 8,000
· Binary Outputs: 8,000
· Counters: 1,000
· Analog Inputs: Max 5,000 (16-bit) or 2,500 (32-bit/Float)
· Analog Outputs: Max 5,000 (16-bit) or 2,500 (32-bit/Float)
## Hardware Specifications
· Backplane Current: 800 mA @ 5 Vdc, 3 mA @ 24 Vdc
· Operating Temperature: 0°C to 60°C (32°F to 140°F)
· Storage Temperature: -40°C to 85°C (-40°F to 185°F)
· Ethernet Port: 10/100 Base-T, RJ45, Auto-crossover detection
· LED Indicators: Battery Status, Application Status, Module Status, IP Address display.
## Compatibility
· Single-slot 1756 ControlLogix backplane compatible.
· Supports CIPconnect for network diagnostics.
| Part No. | MVI56E-DNPNET |
| Manufacturer | PROSOFT |
| Size | 248 Kbytes |
| Pages | 2 pages |
| Description | DNP3 Ethernet Communication Module for ControlLogix |