| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 1285830000 Datasheet
# Example questions:
➢ What is the maximum baud rate supported for serial communication with this device?
➢ What specific certifications does this device have regarding explosive atmospheres (beyond just stating atex)?
➢ What operating systems are supported by the real tty driver?
# IE-CST-2TX-1RS232/485 Serial/Ethernet Converter
## General Information
️· Type: Serial / Ethernet converter
️· Order No.: 1285830000
️· GTIN (EAN): 4050118076639
️· IP Rating: IP30
️· Operating Temperature: -40 °C to 75 °C
️· Quantity: 1 pc(s)
## Technical Specifications
️· Dimensions: 36mm (W) x 140mm (H) x 105mm (D)
️· Weight: 475g
️· Storage Temperature: -40 °C to 85 °C
️· Humidity: 5 to 95% (non-condensing)
️· Ethernet Ports: 2x 10/100BaseT(X), Auto MDI/MDI-X
️· Serial Ports: 1x DB9 RS-232, 1x Terminal block for RS-422/485
️· Interface Standards: RS-232/422/485
️· Surge Protection: Ethernet: 1kV (Level 2), Serial: 15kV ESD, 1kV (Level 2)
️· MTBF: 262,805 hours
️· Power Supply: 12V DC / 24V DC (0.22A / 0.11A), 2 redundant inputs, 12-48V DC range
️· Baud Rate: 50 bit/s to 921.6 kbit/s
## Features
️· Improved surge protection
️· Sturdy screw-on terminal blocks
️· Cascading Ethernet ports
️· Redundant power supply
️· Warning signals: relay output & email
️· Low power consumption
️· ADDC® (automatic data direction control) for RS485
️· Magnetic Isolation: 1.5 kV built-in
## Compliance & Safety
️· REACH SVHC: Lead 7439-92-1
️· EMC Standards: EN 61000-4-2, EN 61000-4-3, EN 61000-4-5, EN 61000-4-6, EN 61000-4-8, EN 61000-4-11, EN 55022, EN 55024, FCC Part 15
️· Explosive Risk Zone: UL/cUL Class I, Division 2, ATEX Zone 2
️· Safety Standard: UL508
## Software & Protocols
️· Configuration: Web console, serial console, Telnet console, Windows utility
️· Network Protocols: ICMP, IP, TCP, UDP, DHCP, BOOTP, Telnet, DNS, SNMP, HTTP, SMTP, SNTP, IGMP
️· Windows Driver: Windows 95/98/ME/NT/2000/XP/Vista/7/8/2008/2012 x86/x64
## Reliability
️· Alarm Function: Built-in buzzer and RTC
️· Auto Restart: Built-in Watchdog Timer (WDT)
️· Guarantee: 5 years
## Downloads
️· ATEX certificate
️· KC certificate
️· EU Declaration of Conformity
️· STEP files
️· S/E-Converter Administration Tool
️· Firmware Version 1.0.6
️· Linux Drivers
️· Hardware Installation Guide
️· Manual
️· Catalogues
# IE-CST-2TX-1RS232/485 Serial/Ethernet Converter
## General Information
️· Type: Serial / Ethernet converter
️· Order No.: 1285830000
️· GTIN (EAN): 4050118076639
️· IP Rating: IP30
️· Operating Temperature: -40 °C to 75 °C
️· Quantity: 1 pc(s)
## Technical Specifications
️· Dimensions: 36mm (W) x 140mm (H) x 105mm (D)
️· Weight: 475g
️· Storage Temperature: -40 °C to 85 °C
️· Humidity: 5 to 95% (non-condensing)
️· Ethernet Ports: 2x 10/100BaseT(X), Auto MDI/MDI-X
️· Serial Ports: 1x DB9 RS-232, 1x Terminal block for RS-422/485
️· Interface Standards: RS-232/422/485
️· Surge Protection: Ethernet: 1kV (Level 2), Serial: 15kV ESD, 1kV (Level 2)
️· MTBF: 262,805 hours
️· Power Supply: 12V DC / 24V DC (0.22A / 0.11A), 2 redundant inputs, 12-48V DC range
️· Baud Rate: 50 bit/s to 921.6 kbit/s
## Features
️· Improved surge protection
️· Sturdy screw-on terminal blocks
️· Cascading Ethernet ports
️· Redundant power supply
️· Warning signals: relay output & email
️· Low power consumption
️· ADDC® (automatic data direction control) for RS485
️· Magnetic Isolation: 1.5 kV built-in
## Compliance & Safety
️· REACH SVHC: Lead 7439-92-1
️· EMC Standards: EN 61000-4-2, EN 61000-4-3, EN 61000-4-5, EN 61000-4-6, EN 61000-4-8, EN 61000-4-11, EN 55022, EN 55024, FCC Part 15
️· Explosive Risk Zone: UL/cUL Class I, Division 2, ATEX Zone 2
️· Safety Standard: UL508
## Software & Protocols
️· Configuration: Web console, serial console, Telnet console, Windows utility
️· Network Protocols: ICMP, IP, TCP, UDP, DHCP, BOOTP, Telnet, DNS, SNMP, HTTP, SMTP, SNTP, IGMP
️· Windows Driver: Windows 95/98/ME/NT/2000/XP/Vista/7/8/2008/2012 x86/x64
## Reliability
️· Alarm Function: Built-in buzzer and RTC
️· Auto Restart: Built-in Watchdog Timer (WDT)
️· Guarantee: 5 years
## Downloads
️· ATEX certificate
️· KC certificate
️· EU Declaration of Conformity
️· STEP files
️· S/E-Converter Administration Tool
️· Firmware Version 1.0.6
️· Linux Drivers
️· Hardware Installation Guide
️· Manual
️· Catalogues
| Part No. | 1285830000 |
| Manufacturer | WEIDMULLER |
| Size | 240 Kbytes |
| Pages | 4 pages |
| Description | Serial / Ethernet converter, 2x RJ45, 1x DB9 for RS-232 |