| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2682600000 Datasheet
# Example questions:
➢ What is the maximum baud rate supported for serial communication?
➢ What is the operating temperature range for the ie-cs-mbgw-2tx-1com device?
➢ What communication protocols are supported for ip address management (e.g., static, dhcp)?
# IE-CS-MBGW-2TX-1COM Serial/Ethernet Converter & Modbus Gateway
## Overview
️· Serial/Ethernet converter and Modbus TCP/RTU protocol gateway
️· Integrated 2-port switch for line topology
️· Rugged design for harsh industrial environments (-40°C to 70°C operating temp)
## General Information
️· Order No: 2682600000
️· Type: IE-CS-MBGW-2TX-1COM
️· GTIN (EAN): 4050118692112
️· Ports: 2x RJ45 (10/100BASE-T(X)), 1x DB9 (RS-232/422/485)
️· Protection: IP30
## Technical Specifications
️· Dimensions: 75.2mm x 110mm x 26.1mm
️· Weight: 390g
️· Storage Temperature: -40°C to 85°C
️· Operating Temperature: -40°C to 70°C
️· Humidity: 5 to 95% (non-condensing)
️· Operating Altitude: ≤ 2000 m
️· MTBF: 1,479,078 h (according to Telcordia SR-332)
## Interfaces & Configuration
️· DIP Switch: Settings for pull-high, pull-low, and termination resistors
️· Reset Button: Reboot (<5 sec), Factory default (>5 sec)
️· Configuration: Webbrowser (HTTP/HTTPS), SSH, Config file upload
️· IP Address Management: Static, DHCP-Client, BootP
## Communication & Operating Modes
️· Serial Parameters: 110 bps to 460800 bps, 7/8 data bits, even/odd/none parity, 1/2 stop bits, XON/XOFF, RTS/CTS, DTR/DSR flow control
️· Operating Modes:
- Virtual COM
- TCP Server/Client
- UDP Server/Client
- Modbus RTU/ASCII Master to Modbus TCP Slave Gateway
- Modbus TCP Master to Modbus RTU/ASCII Slave Gateway
## Power Supply
️· Connection: Removable 4-pin terminal block
️· Voltage: 24 V DC (12-48 V DC range)
️· Current: 0.2 A
️· Protection: Overload and reverse polarity protection
## Compliance & Approvals
️· REACH: SVHC Lead (7439-92-1)
️· EMC: EN 55032, EN 55024, FCC Part 15 Subpart B, IEC 61000-4-2, -3, -4, -5, -6
️· Safety: UL 61010-1, UL 61010-2-201, EN 62368-1
️· Approvals: RoHS, UL File Number E141197
️· Warranty: 5 years
## Downloads
️· EU Declaration of Conformity
️· RCM Declaration of Conformity
️· STEP file
️· Hardware Installation Guide
️· PDF Catalogues
# IE-CS-MBGW-2TX-1COM Serial/Ethernet Converter & Modbus Gateway
## Overview
️· Serial/Ethernet converter and Modbus TCP/RTU protocol gateway
️· Integrated 2-port switch for line topology
️· Rugged design for harsh industrial environments (-40°C to 70°C operating temp)
## General Information
️· Order No: 2682600000
️· Type: IE-CS-MBGW-2TX-1COM
️· GTIN (EAN): 4050118692112
️· Ports: 2x RJ45 (10/100BASE-T(X)), 1x DB9 (RS-232/422/485)
️· Protection: IP30
## Technical Specifications
️· Dimensions: 75.2mm x 110mm x 26.1mm
️· Weight: 390g
️· Storage Temperature: -40°C to 85°C
️· Operating Temperature: -40°C to 70°C
️· Humidity: 5 to 95% (non-condensing)
️· Operating Altitude: ≤ 2000 m
️· MTBF: 1,479,078 h (according to Telcordia SR-332)
## Interfaces & Configuration
️· DIP Switch: Settings for pull-high, pull-low, and termination resistors
️· Reset Button: Reboot (<5 sec), Factory default (>5 sec)
️· Configuration: Webbrowser (HTTP/HTTPS), SSH, Config file upload
️· IP Address Management: Static, DHCP-Client, BootP
## Communication & Operating Modes
️· Serial Parameters: 110 bps to 460800 bps, 7/8 data bits, even/odd/none parity, 1/2 stop bits, XON/XOFF, RTS/CTS, DTR/DSR flow control
️· Operating Modes:
- Virtual COM
- TCP Server/Client
- UDP Server/Client
- Modbus RTU/ASCII Master to Modbus TCP Slave Gateway
- Modbus TCP Master to Modbus RTU/ASCII Slave Gateway
## Power Supply
️· Connection: Removable 4-pin terminal block
️· Voltage: 24 V DC (12-48 V DC range)
️· Current: 0.2 A
️· Protection: Overload and reverse polarity protection
## Compliance & Approvals
️· REACH: SVHC Lead (7439-92-1)
️· EMC: EN 55032, EN 55024, FCC Part 15 Subpart B, IEC 61000-4-2, -3, -4, -5, -6
️· Safety: UL 61010-1, UL 61010-2-201, EN 62368-1
️· Approvals: RoHS, UL File Number E141197
️· Warranty: 5 years
## Downloads
️· EU Declaration of Conformity
️· RCM Declaration of Conformity
️· STEP file
️· Hardware Installation Guide
️· PDF Catalogues
| Part No. | 2682600000 |
| Manufacturer | WEIDMULLER |
| Size | 150 Kbytes |
| Pages | 4 pages |
| Description | Serial/Ethernet converter and Modbus TCP/RTU gateway, |