データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
The MA2C719 is a Schottky Barrier Diode (SBD) with a silicon epitaxial planar type design, suitable for high-frequency rectification.
It comes in a DO-34 (DHD) package and can handle a maximum average forward current (IF(AV)) of 500 mA.
The diode has a low forward-rise-voltage (V F) and short reverse recovery time (t rr), making it optimal for high-frequency rectification.
It has a glass sealed package for high reliability and has absolute maximum ratings for reverse voltage, peak forward current, and junction temperature.
The electrical characteristics include reverse current, forward voltage, terminal capacitance, and reverse recovery time.
The diode is sensitive to electric shock and has a rated input/output frequency of 400 MHz.
The datasheet also includes graphs and diagrams showing the diode's performance under different conditions.
Part No. | MA2C719 |
Manufacturer | PANASONIC |
Size | 46 Kbytes |
Pages | 2 pages |
Description | Silicon epitaxial planar type |