データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MA2Q739 Datasheet
Example questions:
1. What is the average forward current (IF(AV)) for the Schottky Barrier Diode (SBD) MA2Q739?
2. What is the reverse voltage (DC value) for the Schottky Barrier Diode (SBD) MA2Q739?
3. What is the reverse recovery time (trr) for the Schottky Barrier Diode (SBD) MA2Q739 when IF = IR = 100 mA?
The MA2Q739 is a Schottky Barrier Diode (SBD) designed for high-frequency rectification.
It has a forward current (average) of 0.7 A and a reverse voltage (DC value) of 90 V.
The diode is sensitive to electric shock and has a rated input/output frequency of 10 MHz.
It comes in a new mini-power type package and is suitable for automatic insertion with emboss taping.
The diode has a reverse current of 1 mA, forward voltage of 0.8 V, terminal capacitance of 50 pF, and a reverse recovery time of 100 ns.
The diode is suitable for bias application and pulse generation.
It is important to note that the diode is sensitive to static electricity and requires careful handling.
Part No. | MA2Q739 |
Manufacturer | PANASONIC |
Size | 44 Kbytes |
Pages | 2 pages |
Description | Silicon epitaxial planar type |