データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MA2S377 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MA2S377 Datasheet

  • Example questions: 1. What is the maximum reverse voltage (DC) rating for the MA2S377 Variable Capacitance Diode?
    2. What is the typical value of diode capacitance when the reverse voltage is 10V and the frequency is 1 MHz?
    3. What is the series resistance of the MA2S377 Variable Capacitance Diode when the reverse voltage is 1V and the frequency is 470 MHz?

  • Part No.MA2S377
    ManufacturerPANASONIC
    Size38 Kbytes
    Pages2 pages
    DescriptionSilicon epitaxial planar type
    Datasheet Summary with AI

    The MA2S377 is a variable capacitance diode designed for use in voltage-controlled oscillators (VCO) and temperature-compensated crystal oscillators (TCXO).
    It features a SS-mini type package, allowing for downsizing of equipment and automatic insertion through the taping package.
    The absolute maximum ratings include a reverse voltage of 12V, forward current of 20mA, junction temperature of 150°C, and storage temperature ranging from -55 to +150°C.
    The electrical characteristics include a reverse current of 10nA at 12V, diode capacitance ranging from 2.80 to 3.40pF at 2V and 1.10 to 1.50pF at 10V, capacitance ratio of 2.20 to 2.80, and series resistance of 0.40 to 0.60Ω.
    The diode is marked with the symbols 71 for anode and 2 for cathode.
    The diode capacitance, reverse current, forward voltage, and forward current are all shown in graphical form for various conditions.

    Datasheet Summary with AI

    The MA2S377 is a variable capacitance diode designed for use in voltage-controlled oscillators (VCO) and temperature-compensated crystal oscillators (TCXO).
    It features a SS-mini type package, allowing for downsizing of equipment and automatic insertion through the taping package.
    The absolute maximum ratings include a reverse voltage of 12V, forward current of 20mA, junction temperature of 150°C, and storage temperature ranging from -55 to +150°C.
    The electrical characteristics include a reverse current of 10nA at 12V, diode capacitance ranging from 2.80 to 3.40pF at 2V and 1.10 to 1.50pF at 10V, capacitance ratio of 2.20 to 2.80, and series resistance of 0.40 to 0.60Ω.
    The diode is marked with the symbols 71 for anode and 2 for cathode.
    The diode capacitance, reverse current, forward voltage, and forward current are all shown in graphical form for various conditions.

    Part No.MA2S377
    ManufacturerPANASONIC
    Size38 Kbytes
    Pages2 pages
    DescriptionSilicon epitaxial planar type