データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MA2X073 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MA2X073 Datasheet

  • Example questions: 1. What is the maximum forward current rating for the MA2X073 band switching diode?
    2. What is the typical forward voltage drop across the MA2X073 diode when a forward current of 100 mA is applied?
    3. What is the reverse current of the MA2X073 diode when a reverse voltage of 33 V is applied?

  • Part No.MA2X073
    ManufacturerPANASONIC
    Size39 Kbytes
    Pages2 pages
    DescriptionSilicon epitaxial planar type
    Datasheet Summary with AI

    The MA2X073 is a band switching diode with a silicon epitaxial planar type.
    It features low forward dynamic resistance and less voltage dependence of diode capacitance.
    The diode has a mini type package, allowing for downsizing of equipment and automatic insertion through the taping package.
    The absolute maximum ratings include a reverse voltage of 35V, forward current of 100mA, operating ambient temperature range of -25 to +85 °C, and storage temperature range of -55 to +150 °C.
    The electrical characteristics include a reverse current of 0.01-100nA, forward voltage of 0.92-1V, and diode capacitance of 0.9-1.2pF.
    The diode is marked with the symbol 4B and has a mini type package with 2 pins.
    The diode is suitable for band switching applications.

    Datasheet Summary with AI

    The MA2X073 is a band switching diode with a silicon epitaxial planar type.
    It features low forward dynamic resistance and less voltage dependence of diode capacitance.
    The diode has a mini type package, allowing for downsizing of equipment and automatic insertion through the taping package.
    The absolute maximum ratings include a reverse voltage of 35V, forward current of 100mA, operating ambient temperature range of -25 to +85 °C, and storage temperature range of -55 to +150 °C.
    The electrical characteristics include a reverse current of 0.01-100nA, forward voltage of 0.92-1V, and diode capacitance of 0.9-1.2pF.
    The diode is marked with the symbol 4B and has a mini type package with 2 pins.
    The diode is suitable for band switching applications.

    Part No.MA2X073
    ManufacturerPANASONIC
    Size39 Kbytes
    Pages2 pages
    DescriptionSilicon epitaxial planar type