データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MA2X335 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MA2X335 Datasheet

  • Example questions: 1. What is the reverse voltage (DC) rating for the Variable Capacitance Diodes in the given pdf?
    2. What is the forward voltage (DC) for the Variable Capacitance Diodes at a current of 20 mA?
    3. What is the diode capacitance at 2V and 25V for the Variable Capacitance Diodes in the pdf?

  • Part No.MA2X335
    ManufacturerPANASONIC
    Size42 Kbytes
    Pages2 pages
    DescriptionSilicon epitaxial planar type
    Datasheet Summary with AI

    The MA2X335 is a variable capacitance diode designed for use in CATV with VHF electronic tuners.
    It features a large capacitance ratio, small series resistance, and a mini type package for downsizing of equipment and automatic insertion.
    The absolute maximum ratings include a reverse voltage of 30V, peak reverse voltage of 34V, forward voltage of 20mA, junction temperature of 150°C, and storage temperature ranging from -55 to +150°C.
    The electrical characteristics include reverse current, diode capacitance at different voltages, capacitance ratio, capacitance deviation, and series resistance.
    The diode is marked with the symbols 6E1 for the anode and 2 for the cathode.
    The diode capacitance, reverse current, forward voltage, and reverse voltage are all graphed and classified by rank.

    Datasheet Summary with AI

    The MA2X335 is a variable capacitance diode designed for use in CATV with VHF electronic tuners.
    It features a large capacitance ratio, small series resistance, and a mini type package for downsizing of equipment and automatic insertion.
    The absolute maximum ratings include a reverse voltage of 30V, peak reverse voltage of 34V, forward voltage of 20mA, junction temperature of 150°C, and storage temperature ranging from -55 to +150°C.
    The electrical characteristics include reverse current, diode capacitance at different voltages, capacitance ratio, capacitance deviation, and series resistance.
    The diode is marked with the symbols 6E1 for the anode and 2 for the cathode.
    The diode capacitance, reverse current, forward voltage, and reverse voltage are all graphed and classified by rank.

    Part No.MA2X335
    ManufacturerPANASONIC
    Size42 Kbytes
    Pages2 pages
    DescriptionSilicon epitaxial planar type