データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MA2X707 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MA2X707 Datasheet

  • Example questions: 1. What is the maximum forward voltage (Vf) rating for the MA2X707 Schottky Barrier Diode?
    2. What is the minimum and maximum terminal capacitance (Ct) for the MA2X707 Schottky Barrier Diode?
    3. What is the rated input/output frequency for the MA2X707 Schottky Barrier Diode?

  • Part No.MA2X707
    ManufacturerPANASONIC
    Size41 Kbytes
    Pages2 pages
    DescriptionSilicon epitaxial planar type
    Datasheet Summary with AI

    The MA2X707 is a Schottky Barrier Diode (SBD) designed for use in UHF mixers.
    It features a small forward voltage, making it suitable for UHF mixers due to its large conversion gain.
    The diode is designed for mini type packaging, allowing for downsizing of equipment and automatic insertion through the taping package.
    The absolute maximum ratings include a reverse voltage of 5V, forward voltage of 0.5V, junction temperature of 125°C, and storage temperature ranging from -55 to +125°C.
    The electrical characteristics include a forward current of 35-100mA, reverse current of 35µA, forward voltage of 0.25V, reverse breakdown voltage of 5V, and terminal capacitance of 0.65-1.05pF.
    The diode is sensitive to electric shock and has a noise figure of 8.5dB.
    The rated input/output frequency is 935MHz, and the conversion gain is -7 to -5dB.
    The diode is designed for a mini type package with 2 pins.

    Datasheet Summary with AI

    The MA2X707 is a Schottky Barrier Diode (SBD) designed for use in UHF mixers.
    It features a small forward voltage, making it suitable for UHF mixers due to its large conversion gain.
    The diode is designed for mini type packaging, allowing for downsizing of equipment and automatic insertion through the taping package.
    The absolute maximum ratings include a reverse voltage of 5V, forward voltage of 0.5V, junction temperature of 125°C, and storage temperature ranging from -55 to +125°C.
    The electrical characteristics include a forward current of 35-100mA, reverse current of 35µA, forward voltage of 0.25V, reverse breakdown voltage of 5V, and terminal capacitance of 0.65-1.05pF.
    The diode is sensitive to electric shock and has a noise figure of 8.5dB.
    The rated input/output frequency is 935MHz, and the conversion gain is -7 to -5dB.
    The diode is designed for a mini type package with 2 pins.

    Part No.MA2X707
    ManufacturerPANASONIC
    Size41 Kbytes
    Pages2 pages
    DescriptionSilicon epitaxial planar type