データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MA2Z367 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MA2Z367 Datasheet

  • Example questions: 1. What is the peak reverse voltage (V RM) of the MA2Z367 Variable Capacitance Diode?
    2. What is the reverse current (DC) when the reverse voltage (VR) is 30 V for the MA2Z367 Variable Capacitance Diode?
    3. What is the diode capacitance (CD) when the reverse voltage is 10 V and the frequency is 1 MHz for the MA2Z367 Variable Capacitance Diode?

  • Part No.MA2Z367
    ManufacturerPANASONIC
    Size40 Kbytes
    Pages2 pages
    DescriptionSilicon epitaxial planar type
    Datasheet Summary with AI

    The MA2Z367 is a variable capacitance diode designed for use in UHF and VHF electronic tuners.
    It features a large capacitance ratio, small series resistance, and comes in a small S-mini type package for easy installation.
    The absolute maximum ratings include a reverse voltage of 30V, peak reverse voltage of 34V, junction temperature of 150°C, and storage temperature range of -55 to +150°C.
    The electrical characteristics include a reverse current of 10nA, diode capacitance of 10.5-16.0pF at 2V and 3.3-5.7pF at 10V, and a capacitance ratio of 2.8-3.4.
    The diode is classified into different ranks based on its capacitance and reverse current at different temperatures.

    Datasheet Summary with AI

    The MA2Z367 is a variable capacitance diode designed for use in UHF and VHF electronic tuners.
    It features a large capacitance ratio, small series resistance, and comes in a small S-mini type package for easy installation.
    The absolute maximum ratings include a reverse voltage of 30V, peak reverse voltage of 34V, junction temperature of 150°C, and storage temperature range of -55 to +150°C.
    The electrical characteristics include a reverse current of 10nA, diode capacitance of 10.5-16.0pF at 2V and 3.3-5.7pF at 10V, and a capacitance ratio of 2.8-3.4.
    The diode is classified into different ranks based on its capacitance and reverse current at different temperatures.

    Part No.MA2Z367
    ManufacturerPANASONIC
    Size40 Kbytes
    Pages2 pages
    DescriptionSilicon epitaxial planar type