データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MA3X152E Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MA3X152E Datasheet

  • Example questions: 1. What is the reverse voltage (DC) rating for the MA3X152E switching diode?
    2. What is the forward current (DC) rating for a single MA3X152E diode?
    3. What is the maximum junction temperature for the MA3X152E diode?

  • Part No.MA3X152E
    ManufacturerPANASONIC
    Size47 Kbytes
    Pages2 pages
    DescriptionSilicon epitaxial planar type
    Datasheet Summary with AI

    The 1MA3X152E is a silicon epitaxial planar type switching diode designed for use in switching circuits.
    It features a short reverse recovery time and small terminal capacitance.
    The absolute maximum ratings for the diode include a reverse voltage of 80V, peak forward current of 225mA, and a junction temperature of 150°C.
    The electrical characteristics of the diode are also provided, including reverse current, forward voltage, terminal capacitance, and reverse recovery time.
    The diode is housed in a mini type package with 3 pins and is marked with the symbol MU.
    The diode is suitable for bias application and is tested using a pulse generator and waveform analyzer.
    The diode's performance is also shown in graphs depicting forward voltage, reverse voltage, ambient temperature, and terminal capacitance.

    Datasheet Summary with AI

    The 1MA3X152E is a silicon epitaxial planar type switching diode designed for use in switching circuits.
    It features a short reverse recovery time and small terminal capacitance.
    The absolute maximum ratings for the diode include a reverse voltage of 80V, peak forward current of 225mA, and a junction temperature of 150°C.
    The electrical characteristics of the diode are also provided, including reverse current, forward voltage, terminal capacitance, and reverse recovery time.
    The diode is housed in a mini type package with 3 pins and is marked with the symbol MU.
    The diode is suitable for bias application and is tested using a pulse generator and waveform analyzer.
    The diode's performance is also shown in graphs depicting forward voltage, reverse voltage, ambient temperature, and terminal capacitance.

    Part No.MA3X152E
    ManufacturerPANASONIC
    Size47 Kbytes
    Pages2 pages
    DescriptionSilicon epitaxial planar type