![]() |
データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MA3X158 Datasheet
Example questions:
1. What is the maximum repetitive peak reverse voltage (VRRM) of the 1MA3X158 switching diode?
2. What is the output current (IF(AV)) rating of the 1MA3X158 switching diode?
3. What is the forward voltage (DC) of the 1MA3X158 switching diode when the forward current is 100 mA?
The 1MA3X158 is a silicon epitaxial planar type switching diode designed for small power rectification and surge absorption.
It features high reverse voltage, large forward current, and a small package that allows for automatic mounting.
The absolute maximum ratings include a reverse voltage of 200V, repetitive peak reverse voltage of 250V, and non-repetitive peak forward surge voltage of 300V.
The diode has a maximum output current of 100mA and non-repetitive peak forward surge current of 500mA.
The electrical characteristics show the forward voltage and reverse current at different temperatures and voltages.
The diode is available in a mini type package with 3 pins and is marked with the symbol M1C1.
Part No. | MA3X158 |
Manufacturer | PANASONIC |
Size | 42 Kbytes |
Pages | 2 pages |
Description | Silicon epitaxial planar type |