データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MBD1505 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MBD1505 Datasheet

  • # Example questions: ➢ What is the typical value of hfe(1) when vce=-1v and ic=-100ma?
    ➢ What are the dimensions of 'a' and 'b' in the sot-23 package?
    ➢ What is the maximum collector current (ic) that the mbd1505 can handle?

  • Part No.MBD1505
    ManufacturerAITSEMI
    Size889 Kbytes
    Pages5 pages
    DescriptionTRANSISTOR SWITCHING TRANSISTOR
    Datasheet Summary with AI

    # MBD1505 Switching Transistor

    ## Description

    ️· Available in SOT-23 package
    ️· General switching application
    ️· Excellent hFE Linearity: hFE(2) = 25 (MIN.) at VCE=-6V, IC=400mA
    ️· RoHS Compliant

    ## Ordering Information

    Package Type Part Number
    SOT-23 MBD1505
    SPQ 3,000pcs/ Reel

    ## Absolute Maximum Ratings (TA=25°C)

    ️· VCBO (Collector-Base Voltage): -35V
    ️· VCEO (Collector-Emitter Voltage): -30V
    ️· VEBO (Emitter-Base Voltage): -5V
    ️· IC (Collector Current): -500mA
    ️· IB (Base Current): -50mA
    ️· PC (Collector Power Dissipation): 150mW
    ️· TJ (Junction Temperature): 150°C
    ️· TSTG (Storage Temperature Range): -55 ~150°C

    ## Electrical Characteristics (TA=25°C)

    ️· ICBO (Collector Cut-off Current): -0.1 μA (VCB=-35V, IE=0)
    ️· IEBO (Emitter Cut-off Current): -0.1 μA (VEB=-5V, IC=0)
    ️· hFE(1) (DC Current Gain): 70 - 400 (VCE=-1V, IC=-100mA)
    ️· hFE(2) (DC Current Gain): 25 - (VCE=-6V, IC=-400mA)
    ️· VCE(sat) (Collector-Emitter Saturation Voltage): -0.1 to -0.25 V (IC=100mA, IB=-10mA)
    ️· VBE (Base-Emitter Voltage): -0.8 to -1.0 V (VCE=-1V, IC=-100mA)
    ️· fT (Transition Frequency): 200 MHz (VCE=-6V, IC=-20mA)
    ️· Cob (Collector Output Capacitance): 13 pF (VCE=-6V, IE=0, f=1MHz)

    ## Typical Characteristics

    ️· Illustrative figures depicting I C – V CE, h FE - I C, V CE(sat) – I C, I B - V BE, P C - T A.

    ## Package Information (SOT-23)

    ️· Detailed dimensional specifications (A-P) provided in a table.

    # MBD1505 Switching Transistor

    ## Description

    ️· Available in SOT-23 package
    ️· General switching application
    ️· Excellent hFE Linearity: hFE(2) = 25 (MIN.) at VCE=-6V, IC=400mA
    ️· RoHS Compliant

    ## Ordering Information

    Package Type Part Number
    SOT-23 MBD1505
    SPQ 3,000pcs/ Reel

    ## Absolute Maximum Ratings (TA=25°C)

    ️· VCBO (Collector-Base Voltage): -35V
    ️· VCEO (Collector-Emitter Voltage): -30V
    ️· VEBO (Emitter-Base Voltage): -5V
    ️· IC (Collector Current): -500mA
    ️· IB (Base Current): -50mA
    ️· PC (Collector Power Dissipation): 150mW
    ️· TJ (Junction Temperature): 150°C
    ️· TSTG (Storage Temperature Range): -55 ~150°C

    ## Electrical Characteristics (TA=25°C)

    ️· ICBO (Collector Cut-off Current): -0.1 μA (VCB=-35V, IE=0)
    ️· IEBO (Emitter Cut-off Current): -0.1 μA (VEB=-5V, IC=0)
    ️· hFE(1) (DC Current Gain): 70 - 400 (VCE=-1V, IC=-100mA)
    ️· hFE(2) (DC Current Gain): 25 - (VCE=-6V, IC=-400mA)
    ️· VCE(sat) (Collector-Emitter Saturation Voltage): -0.1 to -0.25 V (IC=100mA, IB=-10mA)
    ️· VBE (Base-Emitter Voltage): -0.8 to -1.0 V (VCE=-1V, IC=-100mA)
    ️· fT (Transition Frequency): 200 MHz (VCE=-6V, IC=-20mA)
    ️· Cob (Collector Output Capacitance): 13 pF (VCE=-6V, IE=0, f=1MHz)

    ## Typical Characteristics

    ️· Illustrative figures depicting I C – V CE, h FE - I C, V CE(sat) – I C, I B - V BE, P C - T A.

    ## Package Information (SOT-23)

    ️· Detailed dimensional specifications (A-P) provided in a table.

    Part No.MBD1505
    ManufacturerAITSEMI
    Size889 Kbytes
    Pages5 pages
    DescriptionTRANSISTOR SWITCHING TRANSISTOR