データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MA704A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MA704A Datasheet

  • Example questions: 1. What is the peak forward current rating for the MA6X718 Schottky Barrier Diode?
    2. What is the reverse voltage rating for the MA6X718 Schottky Barrier Diode?
    3. What is the terminal capacitance of the MA6X718 Schottky Barrier Diode when the reverse voltage is 1 V and the frequency is 1 MHz?

  • Part No.MA704A
    ManufacturerPANASONIC
    Size47 Kbytes
    Pages2 pages
    DescriptionSilicon epitaxial planar type
    Datasheet Summary with AI

    The MA6X718 is a Schottky Barrier Diode (SBD) that is silicon epitaxial planar type and is designed for use in switching circuits and wave detection circuits.
    It contains three MA3X704As in the same direction in one package and is optimal for low-voltage rectification due to its low forward rise voltage (V F) and for high-frequency rectification because of its short reverse recovery time (t rr).
    The absolute maximum ratings for the diode include a reverse voltage (DC) of 30V, peak forward current of 150mA, and a junction temperature of 125°C.
    The electrical characteristics of the diode include a reverse current (DC) of 1µA, forward voltage (DC) of 0.4V to 1.0V, and a terminal capacitance of 1.5pF.
    The diode is sensitive to electric shock and has a rated input/output frequency of 2000MHz.
    The diode is also shown to have different forward voltage, reverse current, and terminal capacitance values at different ambient temperatures and reverse voltages.

    Datasheet Summary with AI

    The MA6X718 is a Schottky Barrier Diode (SBD) that is silicon epitaxial planar type and is designed for use in switching circuits and wave detection circuits.
    It contains three MA3X704As in the same direction in one package and is optimal for low-voltage rectification due to its low forward rise voltage (V F) and for high-frequency rectification because of its short reverse recovery time (t rr).
    The absolute maximum ratings for the diode include a reverse voltage (DC) of 30V, peak forward current of 150mA, and a junction temperature of 125°C.
    The electrical characteristics of the diode include a reverse current (DC) of 1µA, forward voltage (DC) of 0.4V to 1.0V, and a terminal capacitance of 1.5pF.
    The diode is sensitive to electric shock and has a rated input/output frequency of 2000MHz.
    The diode is also shown to have different forward voltage, reverse current, and terminal capacitance values at different ambient temperatures and reverse voltages.

    Part No.MA704A
    ManufacturerPANASONIC
    Size47 Kbytes
    Pages2 pages
    DescriptionSilicon epitaxial planar type