データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AEE02F12-49 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AEE02F12-49 Datasheet

  • # Example questions: ➢ What is the operating base temperature range for this power supply?
    ➢ What happens to the output when the control pin is connected to an external 5v logic signal?
    ➢ What is the typical efficiency of the aee02a12-49 model when operating with a 9-18 vdc input?

  • Part No.AEE02F12-49
    ManufacturerASTEC
    Size1Mb
    Pages2 pages
    Description10 Watts
    Datasheet Summary with AI

    # AEE00-12Vin Power Supply

    ## General Specifications
    · 10 Watts
    · Dual output
    · 2:1 Input range
    · Package dimensions: 1.0" x 2.0" x 0.33"
    · Low Profile, Low Cost
    · Industry standard package

    ## Input
    · Input range: 9 to 18 VDC

    ## Output
    · Voltage tolerance: ±1.0%
    · Overall regulation: ±1% max
    · Noise/ripple: 1% Typ, 2% Max
    · Transient response: 300 usec typical (50% step load change to within 3%Vo)
    · Temperature Regulation: ±0.02 %Vo/°C
    · Switching frequency: 330kHz

    ## Isolation
    · I/O isolation: 1500 VDC
    · Input to Case: 1000 VDC
    · Output to Case: 1000 VDC
    · Isolation Resistance: 300 Mohms

    ## Environmental
    · Operating base temperature range: -25°C to +100°C
    · Storage temperature: -40°C to +125°C
    · MTBF: 3 Million Hours (Belcore TR332)

    ## Safety Certifications
    · UL UL1950 Recognition
    · CSA CSA22.2-950 Recognition
    · TUV EN60950 Recognition

    ## Efficiency
    · 78% typical (3.3V)

    ## Model Numbers & Output Options
    · AEE02F12-49: 9-18 V, 3.3V @ 2.55 A, 78%
    · AEE02A12-49: 9-18 V, 5.0V @ 2 A, 81%
    · AEE00B12-49: 9-18 V, 12V @ 0.84 A, 83%
    · AEE00C12-49: 9-18 V, 15V @ 0.68 A, 84%
    · AEE01AA12-4: 9-18 V, ±5V @ ±1.0 A, 81%
    · AEE00BB12-4: 9-18 V, ±12V @ ±0.42 A, 83%
    · AEE00CC12-4: 9-18 V, ±15V @ ±0.33 A, 84%

    ## Control Pin Function
    · Floating/Unconnected: Enabled, 5V output
    · Low (short to -Vin): Enabled, 5V output
    · Connected to external 5V logic: Disabled

    ## Trim Option
    · "9" at end of Model Number designates Trim option.

    ## Contact Information
    · North America: 1-888-41-ASTEC
    · Europe (UK): 44 (1384) 842-211
    · Asia (HK): 852-2437-9662
    · Website: www.astecpower.com

    # AEE00-12Vin Power Supply

    ## General Specifications
    · 10 Watts
    · Dual output
    · 2:1 Input range
    · Package dimensions: 1.0" x 2.0" x 0.33"
    · Low Profile, Low Cost
    · Industry standard package

    ## Input
    · Input range: 9 to 18 VDC

    ## Output
    · Voltage tolerance: ±1.0%
    · Overall regulation: ±1% max
    · Noise/ripple: 1% Typ, 2% Max
    · Transient response: 300 usec typical (50% step load change to within 3%Vo)
    · Temperature Regulation: ±0.02 %Vo/°C
    · Switching frequency: 330kHz

    ## Isolation
    · I/O isolation: 1500 VDC
    · Input to Case: 1000 VDC
    · Output to Case: 1000 VDC
    · Isolation Resistance: 300 Mohms

    ## Environmental
    · Operating base temperature range: -25°C to +100°C
    · Storage temperature: -40°C to +125°C
    · MTBF: 3 Million Hours (Belcore TR332)

    ## Safety Certifications
    · UL UL1950 Recognition
    · CSA CSA22.2-950 Recognition
    · TUV EN60950 Recognition

    ## Efficiency
    · 78% typical (3.3V)

    ## Model Numbers & Output Options
    · AEE02F12-49: 9-18 V, 3.3V @ 2.55 A, 78%
    · AEE02A12-49: 9-18 V, 5.0V @ 2 A, 81%
    · AEE00B12-49: 9-18 V, 12V @ 0.84 A, 83%
    · AEE00C12-49: 9-18 V, 15V @ 0.68 A, 84%
    · AEE01AA12-4: 9-18 V, ±5V @ ±1.0 A, 81%
    · AEE00BB12-4: 9-18 V, ±12V @ ±0.42 A, 83%
    · AEE00CC12-4: 9-18 V, ±15V @ ±0.33 A, 84%

    ## Control Pin Function
    · Floating/Unconnected: Enabled, 5V output
    · Low (short to -Vin): Enabled, 5V output
    · Connected to external 5V logic: Disabled

    ## Trim Option
    · "9" at end of Model Number designates Trim option.

    ## Contact Information
    · North America: 1-888-41-ASTEC
    · Europe (UK): 44 (1384) 842-211
    · Asia (HK): 852-2437-9662
    · Website: www.astecpower.com

    Part No.AEE02F12-49
    ManufacturerASTEC
    Size1Mb
    Pages2 pages
    Description10 Watts