データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AUD03F48 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AUD03F48 Datasheet

  • # Example questions: ➢ What is the function of pin 13 on this module?
    ➢ What is the maximum operating temperature for this aud series power module?
    ➢ What input voltage range is supported by this power module?

  • Part No.AUD03F48
    ManufacturerASTEC
    Size87 Kbytes
    Pages2 pages
    Description10 Watts Embedded Power
    Datasheet Summary with AI

    # AUD Series Embedded Power

    ## Features

    ️· Ultra Low Profile: 4.3mm
    ️· Efficiency: 89% @ 5V
    ️· Operating Temperature: -40°C to +85°C (ambient)
    ️· Open Frame SMT Design
    ️· Low Output Ripple and Noise
    ️· Regulation to Zero Load
    ️· CISPR22, Class A EMI
    ️· Parallel Application Capability
    ️· Pb-free Reflow Compatible and ROHS Compliant

    ## Electrical Specifications

    ️· Input Voltage: 36-75VDC (36-60VDC typical)
    ️· Input Range: 36-60 VDC
    ️· Output: Single
    ️· Efficiency: 89% @ 5V
    ️· Line/Load Regulation: ±5%, -3%
    ️· Noise/Ripple: 50mV p-p
    ️· Over Voltage Protection (OVP): 120% of Vonom (latch-up)
    ️· Over Current Protection (OCP):
    - 3.6A @ 1.5V
    - 3.1A @ 1.8V - 3.3V
    - 2.1A @ 5V
    ️· Low Voltage Protection (LVP): 90% of Vonom (latch-up)
    ️· Isolation: 1500VDC

    ## Environmental Specifications

    ️· Ambient Operating Temperature: -40°C to +85°C (requires forced air)
    ️· Storage Temperature: -45°C to +90°C

    ## Pin Assignments

    ️· Pin 1, 4, 10, 11: Mechanical Supplemental Contact
    ️· Pin 2, 3, 4: +Vout (Output)
    ️· Pin 5, 6: -Vout (Output)
    ️· Pin 12: ALM (Alarm Output)
    ️· Pin 13: RC (Remote On/Off Control)
    ️· Pin 14: PO (Parallel Operation)
    ️· Pin 16, 17: +Vin (Input)
    ️· Pin 18, 19: -Vin (Input)

    ## Ordering Information (Examples)

    Input Voltage Output Voltage Efficiency Model Number
    48V 1.5V @ 3.5A 82% AUD03M48
    48V 1.8V @ 3A 84% AUD03Y48
    48V 2.5V @ 3A 86% AUD03G48
    48V 3.3V @ 3A 88% AUD03F48
    48V 5.0V @ 2A 89% AUD02A48

    ## Contact Information

    ️· Website: www.astecpower.com
    ️· Technical Support Email: technicalsupport@astec.com
    ️· Locations: Listed with addresses and phone numbers for USA, UK, and Hong Kong

    # AUD Series Embedded Power

    ## Features

    ️· Ultra Low Profile: 4.3mm
    ️· Efficiency: 89% @ 5V
    ️· Operating Temperature: -40°C to +85°C (ambient)
    ️· Open Frame SMT Design
    ️· Low Output Ripple and Noise
    ️· Regulation to Zero Load
    ️· CISPR22, Class A EMI
    ️· Parallel Application Capability
    ️· Pb-free Reflow Compatible and ROHS Compliant

    ## Electrical Specifications

    ️· Input Voltage: 36-75VDC (36-60VDC typical)
    ️· Input Range: 36-60 VDC
    ️· Output: Single
    ️· Efficiency: 89% @ 5V
    ️· Line/Load Regulation: ±5%, -3%
    ️· Noise/Ripple: 50mV p-p
    ️· Over Voltage Protection (OVP): 120% of Vonom (latch-up)
    ️· Over Current Protection (OCP):
    - 3.6A @ 1.5V
    - 3.1A @ 1.8V - 3.3V
    - 2.1A @ 5V
    ️· Low Voltage Protection (LVP): 90% of Vonom (latch-up)
    ️· Isolation: 1500VDC

    ## Environmental Specifications

    ️· Ambient Operating Temperature: -40°C to +85°C (requires forced air)
    ️· Storage Temperature: -45°C to +90°C

    ## Pin Assignments

    ️· Pin 1, 4, 10, 11: Mechanical Supplemental Contact
    ️· Pin 2, 3, 4: +Vout (Output)
    ️· Pin 5, 6: -Vout (Output)
    ️· Pin 12: ALM (Alarm Output)
    ️· Pin 13: RC (Remote On/Off Control)
    ️· Pin 14: PO (Parallel Operation)
    ️· Pin 16, 17: +Vin (Input)
    ️· Pin 18, 19: -Vin (Input)

    ## Ordering Information (Examples)

    Input Voltage Output Voltage Efficiency Model Number
    48V 1.5V @ 3.5A 82% AUD03M48
    48V 1.8V @ 3A 84% AUD03Y48
    48V 2.5V @ 3A 86% AUD03G48
    48V 3.3V @ 3A 88% AUD03F48
    48V 5.0V @ 2A 89% AUD02A48

    ## Contact Information

    ️· Website: www.astecpower.com
    ️· Technical Support Email: technicalsupport@astec.com
    ️· Locations: Listed with addresses and phone numbers for USA, UK, and Hong Kong

    Part No.AUD03F48
    ManufacturerASTEC
    Size87 Kbytes
    Pages2 pages
    Description10 Watts Embedded Power