1. General Parameters (Across Multiple Sections)
️· Supply Voltage (VCC): Not explicitly defined as a single value. The parameters are defined with respect to VCC but there aren't limits on the voltage in the document.
️· Temperature: The parameters are measured at a specific temperature which is not mentioned in the document.
2. Switching Characteristics (Drivers - LVG, HVG)
These are the timings related to how quickly the high-side (HVG) and low-side (LVG) drivers turn on and off.
️· ton (Turn-On Propagation Delay): 45-120 ns (Measured from input signal to output switching)
️· toff (Turn-Off Propagation Delay): 45-120 ns (Measured from input signal to output switching)
️· tEN (Enable to Driver Propagation Delay): 245-520 ns.
️· tr (Rise Time): 120-160 ns (Measured from 10% to 90% of the output signal)
️· tf (Fall Time): 50-75 ns (Measured from 90% to 10% of the output signal)
️· DT (Deadtime): 200-400 ns. This is the minimum time the drivers must be off to prevent shoot-through.
️· MDT (Matching Deadtime): 0-50 ns. The variation in deadtime between high-side and low-side drivers.
️· MT (Delay Matching): 0-30 ns. The difference in turn-on/turn-off timings between the high and low-side drivers.
3. Input Filtering and Delays
️· tFIN (LIN/HIN Input Filter Time): 30-50 ns. The delay introduced by the input filters.
️· tFEN (EN Input Filter Time): 200-400 ns.
4. Comparator Characteristics
️· The comparator is disabled when VCC is in Under Voltage Lock Out(UVLO) condition.
5. Important Notes & Definitions
️· Shoot-Through Prevention: Deadtime (DT) is crucial to prevent both high-side and low-side MOSFETs from being on simultaneously, which would cause a short circuit.
️· Delay Matching (MT & MDT): These parameters are essential for minimizing switching losses and ensuring balanced operation of the high-side and low-side drivers.
️· Input Filtering: LIN and HIN filters are used to protect the inputs and improve noise immunity.
6. Figures and Timing Diagrams
The document refers to several figures that graphically define the timing measurements (propagation delays, deadtime, etc.). These are critical for understanding *how* the parameters are measured.
Key Takeaways:
️· The document provides detailed timing characteristics for a driver IC (likely for motor control or power switching applications).
️· The parameters are specified for a particular test condition which is not documented.
️· Deadtime is a crucial parameter for safe and efficient operation.
️· The timing diagrams are essential for understanding the measurements.