| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LFP18650P-1100 Datasheet
# Example questions:
➢ What is the nominal voltage of a single lfp18650p-1100 cell?
➢ How does the recommended storage temperature range change depending on the storage duration?
➢ What is the maximum continuous discharge current this lfp18650p-1100 cell can deliver?
# LFP18650P-1100 Lithium Iron Phosphate Cell Data Sheet
## Cell Specifications
General
· Type: Lithium Iron Phosphate Cell
· Model: LFP18650P-1100
· Nominal Voltage: 3.2V
Capacity & Impedance
· Nominal Capacity: 1100mAh (at 20°C, 0.2C5 to 2.5V)
- Minimum Capacity: 1050mAh
· Internal Impedance: ≤30mΩ (at 20°C ± 5°C)
## Charge Conditions
· Standard Charge: 550mA CC/CV
· Fast Charge: 1100mA CC/CV
· Maximum Continuous Charge Current: 2200mA
· Charge End Voltage: 3.65 ± 0.05V
## Discharge Conditions
· Standard Discharge: 220mA
· Maximum Continuous Discharge Current: 11A
· Pulse Discharge (10 Seconds, Voltage > 2.0V): 22A
· Discharge End Voltage: 2.5V
## Dimensions & Weight
· Diameter (d): 18.2 ± 0.2mm
· Height (h): 64.5 ± 0.5mm
· Weight: Approx. 37g
## Operating Environment
· Discharge: -20 to 60°C
· Charge: 0 to 45°C
· Standard Test: 20°C ± 5°C
## Storage Conditions
· Less than 1 year: -20 to 25°C (Relative Humidity 45-85%, 86-106KPa)
· Less than 3 months: -20 to 40°C (Relative Humidity 45-85%, 86-106KPa)
# LFP18650P-1100 Lithium Iron Phosphate Cell Data Sheet
## Cell Specifications
General
· Type: Lithium Iron Phosphate Cell
· Model: LFP18650P-1100
· Nominal Voltage: 3.2V
Capacity & Impedance
· Nominal Capacity: 1100mAh (at 20°C, 0.2C5 to 2.5V)
- Minimum Capacity: 1050mAh
· Internal Impedance: ≤30mΩ (at 20°C ± 5°C)
## Charge Conditions
· Standard Charge: 550mA CC/CV
· Fast Charge: 1100mA CC/CV
· Maximum Continuous Charge Current: 2200mA
· Charge End Voltage: 3.65 ± 0.05V
## Discharge Conditions
· Standard Discharge: 220mA
· Maximum Continuous Discharge Current: 11A
· Pulse Discharge (10 Seconds, Voltage > 2.0V): 22A
· Discharge End Voltage: 2.5V
## Dimensions & Weight
· Diameter (d): 18.2 ± 0.2mm
· Height (h): 64.5 ± 0.5mm
· Weight: Approx. 37g
## Operating Environment
· Discharge: -20 to 60°C
· Charge: 0 to 45°C
· Standard Test: 20°C ± 5°C
## Storage Conditions
· Less than 1 year: -20 to 25°C (Relative Humidity 45-85%, 86-106KPa)
· Less than 3 months: -20 to 40°C (Relative Humidity 45-85%, 86-106KPa)
| Part No. | LFP18650P-1100 |
| Manufacturer | ETC |
| Size | 71 Kbytes |
| Pages | 1 page |
| Description | Lithium Iron Phosphate Cell |