| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about STPP0100-AA Datasheet
# Example questions:
➢ What interfaces are available for communication with external components and what are their primary uses?
➢ Describe the key features of the mems mirror interface provided by the stpp0100/stpp010
➢ What video input resolutions and formats does the stpp0100/stpp0101 support?
## Summary of the STPP0100/STPP0101 Data Sheet
This document details the STPP0100 and STPP0101 System-on-Chip (SoC) designed for HD pico-projection applications. Here’s a breakdown of the key features and functionalities:
Core Functionality:
️· HD Pico-Projection Engine: The SoC manages the entire projection process - receiving video input, modulating laser output, and controlling MEMS mirrors.
️· Video Input: Supports resolutions up to 720p at 60fps, with interfaces like MIPI DSI/DPI and ITU-R BT.656.
️· Laser Control: Designed to drive RGB direct laser diodes, with integrated Analog Front End (AFE) for optical power detection.
️· MEMS Mirror Control: Supports both resonance and linear mode MEMS mirrors, providing precise image alignment and correction.
Key Features:
️· ARM Cortex-M3 Microcontroller: Provides processing power for autonomous operation and communication.
️· Advanced Image Correction: Includes digital keystone correction, geometrical distortion cancellation, and brightness/uniformity compensation.
️· Eye Safety Monitoring: Built-in features to monitor mirror movement and support external proximity detection.
️· Low Power Consumption: Designed for portable applications with deep sleep modes (<650µW).
️· Communication Interfaces: Offers SPI, I2C, UART, and GPIO for connecting to other system components.
Target Applications:
️· Mobile Devices (Smartphones, Tablets)
️· Portable Projectors
️· AR/VR Headsets
️· Any application requiring a compact HD projection solution.
In essence, the STPP0100/STPP0101 is a complete and integrated solution for building high-quality, compact pico-projectors with advanced image correction and low power consumption.
## Summary of the STPP0100/STPP0101 Data Sheet
This document details the STPP0100 and STPP0101 System-on-Chip (SoC) designed for HD pico-projection applications. Here’s a breakdown of the key features and functionalities:
Core Functionality:
️· HD Pico-Projection Engine: The SoC manages the entire projection process - receiving video input, modulating laser output, and controlling MEMS mirrors.
️· Video Input: Supports resolutions up to 720p at 60fps, with interfaces like MIPI DSI/DPI and ITU-R BT.656.
️· Laser Control: Designed to drive RGB direct laser diodes, with integrated Analog Front End (AFE) for optical power detection.
️· MEMS Mirror Control: Supports both resonance and linear mode MEMS mirrors, providing precise image alignment and correction.
Key Features:
️· ARM Cortex-M3 Microcontroller: Provides processing power for autonomous operation and communication.
️· Advanced Image Correction: Includes digital keystone correction, geometrical distortion cancellation, and brightness/uniformity compensation.
️· Eye Safety Monitoring: Built-in features to monitor mirror movement and support external proximity detection.
️· Low Power Consumption: Designed for portable applications with deep sleep modes (<650µW).
️· Communication Interfaces: Offers SPI, I2C, UART, and GPIO for connecting to other system components.
Target Applications:
️· Mobile Devices (Smartphones, Tablets)
️· Portable Projectors
️· AR/VR Headsets
️· Any application requiring a compact HD projection solution.
In essence, the STPP0100/STPP0101 is a complete and integrated solution for building high-quality, compact pico-projectors with advanced image correction and low power consumption.
| Part No. | STPP0100-AA |
| Manufacturer | STMICROELECTRONICS |
| Size | 98 Kbytes |
| Pages | 9 pages |
| Description | Laser pico projection specific image-processor |