データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSM Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MSM Datasheet

  • # Example questions: ➢ What are the acceptable operating and storage temperatures for the msm series relays?
    ➢ What range of time delays are available with the analog circuitry used in the msm series?
    ➢ How does the output of the msm series behave immediately after input voltage is removed?

  • Part No.MSM
    ManufacturerLITTELFUSE
    Size177 Kbytes
    Pages2 pages
    DescriptionDedicated - Delay-on-Make
    Datasheet Summary with AI

    # MSM Series Time Delay Relays

    ## Description
    ️· Replaces bi-metal timing with solid-state circuitry.
    ️· Offers immediate reset on power removal.
    ️· Available for PCB mounting or with wire leads.
    ️· Cost-effective for OEM applications.

    ## Operation (Delay-on-Make)
    ️· Output de-energized before and during time delay.
    ️· Output energizes at end of delay and remains energized until input voltage is removed.
    ️· Reset occurs upon removal of input voltage.

    ## Features & Benefits
    ️· Analog Circuitry: Repeat Accuracy ±5%, Factory Calibration ±15%
    ️· Compact Design: Allows OEM flexibility.
    ️· Long Life: No moving parts.
    ️· PCB/Wire Harness: Offers design/installation flexibility.
    ️· Immediate Reset: Occurs on power removal.
    ️· Encapsulated: Protects against shock, vibration, and humidity.

    ## Ordering Information
    ️· Models available with fixed time delays ranging from 0.05s to 180s.
    ️· Input voltages: 12/24VDC, 24/120/230VAC.
    ️· Lead options: Standard, PC mount.
    ️· Wire Lengths: 6.0 (152.4) and 9.0 (228.6) inches.

    ## Specifications
    ️· Time Delay:
    - Type: Analog Circuitry
    - Range: 0.05 - 180s
    - Repeat Accuracy: ±5%
    - Tolerance (Factory Calibration): ±15%
    - Recycle Time: ≤ 75ms
    ️· Input:
    - Voltage: 12/24VDC, 24/120/230VAC
    - Tolerance: ±10%
    ️· Output:
    - Type: Solid State (NO - Normally Open)
    - Maximum Load Current: 0.5A @ 25°C; 0.25A @ 60°C
    ️· Protection: Encapsulated circuitry; Reverse polarity protection for DC units.
    ️· Mechanical: Mounting options for PC boards (AMP Miniature Spring Socket #645980-1) and stranded wire leads with bracket.
    ️· Environmental: Operating/Storage Temperature -20° to 60°C / -30° to 85°C; Humidity 95% relative.

    # MSM Series Time Delay Relays

    ## Description
    ️· Replaces bi-metal timing with solid-state circuitry.
    ️· Offers immediate reset on power removal.
    ️· Available for PCB mounting or with wire leads.
    ️· Cost-effective for OEM applications.

    ## Operation (Delay-on-Make)
    ️· Output de-energized before and during time delay.
    ️· Output energizes at end of delay and remains energized until input voltage is removed.
    ️· Reset occurs upon removal of input voltage.

    ## Features & Benefits
    ️· Analog Circuitry: Repeat Accuracy ±5%, Factory Calibration ±15%
    ️· Compact Design: Allows OEM flexibility.
    ️· Long Life: No moving parts.
    ️· PCB/Wire Harness: Offers design/installation flexibility.
    ️· Immediate Reset: Occurs on power removal.
    ️· Encapsulated: Protects against shock, vibration, and humidity.

    ## Ordering Information
    ️· Models available with fixed time delays ranging from 0.05s to 180s.
    ️· Input voltages: 12/24VDC, 24/120/230VAC.
    ️· Lead options: Standard, PC mount.
    ️· Wire Lengths: 6.0 (152.4) and 9.0 (228.6) inches.

    ## Specifications
    ️· Time Delay:
    - Type: Analog Circuitry
    - Range: 0.05 - 180s
    - Repeat Accuracy: ±5%
    - Tolerance (Factory Calibration): ±15%
    - Recycle Time: ≤ 75ms
    ️· Input:
    - Voltage: 12/24VDC, 24/120/230VAC
    - Tolerance: ±10%
    ️· Output:
    - Type: Solid State (NO - Normally Open)
    - Maximum Load Current: 0.5A @ 25°C; 0.25A @ 60°C
    ️· Protection: Encapsulated circuitry; Reverse polarity protection for DC units.
    ️· Mechanical: Mounting options for PC boards (AMP Miniature Spring Socket #645980-1) and stranded wire leads with bracket.
    ️· Environmental: Operating/Storage Temperature -20° to 60°C / -30° to 85°C; Humidity 95% relative.

    Part No.MSM
    ManufacturerLITTELFUSE
    Size177 Kbytes
    Pages2 pages
    DescriptionDedicated - Delay-on-Make