データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EKF5280 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about EKF5280 Datasheet

  • # Example questions: ➢ What types of nand flash memory are supported by the ekf5280 controller?
    ➢ What is the maximum input voltage the ekf5280 can handle?
    ➢ What are the operating and storage temperature ranges specified for the ekf5280 controller?

  • Part No.EKF5280
    ManufacturerEMC
    Size182 Kbytes
    Pages14 pages
    DescriptionUSB2.0 Flash Controller
    Datasheet Summary with AI

    1. Overview & Functionality:

    ️· Purpose: The eKF5280 is a USB flash controller designed to interface with NAND flash memory (specifically targeting Samsung, Hynix/ST, and Toshiba NAND). It's intended for portable storage devices (like USB flash drives), mass storage applications, and potentially embedded systems.
    ️· Key Features:
    - USB Support: Designed for USB connectivity.
    - NAND Flash Support: Specifically compatible with a wide range of NAND flash devices from Samsung, Hynix, ST, and Toshiba (details in the compatibility table).
    - Error Correction: The datasheet implies error correction capabilities (likely ECC), essential for data integrity when using NAND flash (which is prone to errors).
    - Wear Leveling: Wear leveling is likely implemented to distribute writes evenly across the NAND flash memory, extending its lifespan. NAND flash has a limited number of program/erase cycles.
    - Wear Leveling: Distributes writes evenly across the NAND flash memory to extend its lifespan.
    - Security: The possibility of data encryption/security features is not explicitly mentioned, but could be part of the controller's functionality.

    2. Technical Specifications:

    ️· Package: LQFP (likely 100-pin).
    ️· Operating Temperature: 0°C to 70°C.
    ️· Supply Voltage: Dependent on the flash memory and associated circuitry. Needs careful design to ensure proper voltage levels.
    ️· Current Consumption:
    - Idle (Power Down): 150 µA (low power consumption).
    - Active Operating: 110mA (typical)
    ️· Input/Output Voltage: -0.5V to +6.0V.
    ️· Clock Speed: Not specified directly, but the application circuit implies a clock signal is used.
    ️· I/O Characteristics: Detailed voltage levels (VIH, VIL, VOH, VOL) are defined for different I/O pins.
    ️· Absolute Maximum Ratings: Defined limits to prevent damage (voltage and temperature).

    3. NAND Flash Compatibility:

    ️· Extensive Support: Supports a wide variety of NAND flash memory chips, ranging from 16MB to 512MB. This is a significant advantage for design flexibility. Refer to the "Flash Compatibility Support" table for specific part numbers.

    4. Application Circuit:

    ️· Complex Design: The application circuit is complex, which means integrating this controller requires significant engineering effort.
    ️· External Components: Many external components are needed, including:
    - Crystal oscillator for the clock.
    - USB connector.
    - Power supply filtering.
    - Pull-up/pull-down resistors.
    - Decoupling capacitors.
    ️· Careful Design Needed: The application circuit highlights the need for a well-designed PCB layout and component selection.

    5. Key Design Considerations:

    ️· Power Supply: Ensure a stable and well-filtered power supply is used, as NAND flash memory is sensitive to noise.
    ️· Clock Accuracy: The accuracy of the crystal oscillator is critical for reliable operation.
    ️· PCB Layout: Minimize noise and signal integrity issues through careful PCB layout techniques.
    ️· Firmware: The controller requires firmware (software) to manage the NAND flash memory, implement error correction, and handle USB communication. This firmware is typically provided by the controller manufacturer.

    6. Potential Use Cases:

    ️· USB Flash Drives: The primary intended application.
    ️· Portable Storage Devices: External hard drives, card readers, etc.
    ️· Embedded Systems: Mass storage for applications where USB connectivity is required.
    ️· Digital Cameras/Video Recorders: For storing images and video.

    1. Overview & Functionality:

    ️· Purpose: The eKF5280 is a USB flash controller designed to interface with NAND flash memory (specifically targeting Samsung, Hynix/ST, and Toshiba NAND). It's intended for portable storage devices (like USB flash drives), mass storage applications, and potentially embedded systems.
    ️· Key Features:
    - USB Support: Designed for USB connectivity.
    - NAND Flash Support: Specifically compatible with a wide range of NAND flash devices from Samsung, Hynix, ST, and Toshiba (details in the compatibility table).
    - Error Correction: The datasheet implies error correction capabilities (likely ECC), essential for data integrity when using NAND flash (which is prone to errors).
    - Wear Leveling: Wear leveling is likely implemented to distribute writes evenly across the NAND flash memory, extending its lifespan. NAND flash has a limited number of program/erase cycles.
    - Wear Leveling: Distributes writes evenly across the NAND flash memory to extend its lifespan.
    - Security: The possibility of data encryption/security features is not explicitly mentioned, but could be part of the controller's functionality.

    2. Technical Specifications:

    ️· Package: LQFP (likely 100-pin).
    ️· Operating Temperature: 0°C to 70°C.
    ️· Supply Voltage: Dependent on the flash memory and associated circuitry. Needs careful design to ensure proper voltage levels.
    ️· Current Consumption:
    - Idle (Power Down): 150 µA (low power consumption).
    - Active Operating: 110mA (typical)
    ️· Input/Output Voltage: -0.5V to +6.0V.
    ️· Clock Speed: Not specified directly, but the application circuit implies a clock signal is used.
    ️· I/O Characteristics: Detailed voltage levels (VIH, VIL, VOH, VOL) are defined for different I/O pins.
    ️· Absolute Maximum Ratings: Defined limits to prevent damage (voltage and temperature).

    3. NAND Flash Compatibility:

    ️· Extensive Support: Supports a wide variety of NAND flash memory chips, ranging from 16MB to 512MB. This is a significant advantage for design flexibility. Refer to the "Flash Compatibility Support" table for specific part numbers.

    4. Application Circuit:

    ️· Complex Design: The application circuit is complex, which means integrating this controller requires significant engineering effort.
    ️· External Components: Many external components are needed, including:
    - Crystal oscillator for the clock.
    - USB connector.
    - Power supply filtering.
    - Pull-up/pull-down resistors.
    - Decoupling capacitors.
    ️· Careful Design Needed: The application circuit highlights the need for a well-designed PCB layout and component selection.

    5. Key Design Considerations:

    ️· Power Supply: Ensure a stable and well-filtered power supply is used, as NAND flash memory is sensitive to noise.
    ️· Clock Accuracy: The accuracy of the crystal oscillator is critical for reliable operation.
    ️· PCB Layout: Minimize noise and signal integrity issues through careful PCB layout techniques.
    ️· Firmware: The controller requires firmware (software) to manage the NAND flash memory, implement error correction, and handle USB communication. This firmware is typically provided by the controller manufacturer.

    6. Potential Use Cases:

    ️· USB Flash Drives: The primary intended application.
    ️· Portable Storage Devices: External hard drives, card readers, etc.
    ️· Embedded Systems: Mass storage for applications where USB connectivity is required.
    ️· Digital Cameras/Video Recorders: For storing images and video.

    Part No.EKF5280
    ManufacturerEMC
    Size182 Kbytes
    Pages14 pages
    DescriptionUSB2.0 Flash Controller