データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WMA-1005A4 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about WMA-1005A4 Datasheet

  • # Example questions: ➢ What is the typical efficiency of this adapter at full load?
    ➢ What is the maximum allowable earth leakage current at 230vac input?
    ➢ What is the minimum output current for the wma-1005yz model?

  • Part No.WMA-1005A4
    ManufacturerETC1
    Size74 Kbytes
    Pages3 pages
    Description10-15Watts Single Output Wallmount adapter WMA series
    Datasheet Summary with AI

    # 10-15Watts Single Output Wallmount Adapter - WMA Series

    ## Features

    ️· Universal input: 90 to 264Vac
    ️· Safety Approvals: UL/CUL, TUV, T-Mark
    ️· EMI/RFI compliance: VDE & FCC Class B
    ️· Compact size
    ️· International AC Plug available
    ️· 2-Year Warranty

    ## Specifications

    Input

    ️· Voltage: 90-264Vac
    ️· Frequency: 10-15 Watts
    ️· Input inrush current: 20A @ 115Vac / 40A @ 230Vac
    ️· Earth leakage: 0.2mA max @ 115Vac / 0.4mA max @ 115Vac
    ️· Dielectric Withstand: 3000Vac (input/output) / 1500Vac (input/ground)

    Output

    ️· Output Rating: See Model Selection Table
    ️· Voltage Accuracy: ±5% max.
    ️· Line Regulation: ±1% max.
    ️· Load Regulation: ±5% max. (Full to half load)
    ️· Transient Response: ±1% max deviation, 1ms recovery
    ️· Ripple & Noise: 2% P-P max.

    Environmental

    ️· Operating Temperature: 0 to +40°C
    ️· Storage Temperature: -20 to +85°C
    ️· Humidity: 5 to 95% RH (non-condensing)
    ️· Vibration: 2.4G, 5 to 500Hz

    Protection

    ️· Over Current Protection
    ️· Over Power Protection
    ️· Short Circuit Protection

    Other

    ️· Efficiency: 65% typical
    ️· Hold-up time: 10ms @ 115Vac
    ️· Weight: 170g
    ️· MTBF: 100,000 hours (MIL-HDBK-217F)

    ## Model Selection Table

    Model No. Output Voltage Output Current (Minimum) Output Current (Maximum) Max Power
    WMA-1201 YZ 5V 0mA 2500mA 12.5W
    WMA-1005 YZ 3.3V 0mA 3000mA 10W

    ## Ordering Information

    ️· Model Format: WMA-XXXXY Z
    - Input Connector Type
    - DC Output Plug Type
    - Model No.

    # 10-15Watts Single Output Wallmount Adapter - WMA Series

    ## Features

    ️· Universal input: 90 to 264Vac
    ️· Safety Approvals: UL/CUL, TUV, T-Mark
    ️· EMI/RFI compliance: VDE & FCC Class B
    ️· Compact size
    ️· International AC Plug available
    ️· 2-Year Warranty

    ## Specifications

    Input

    ️· Voltage: 90-264Vac
    ️· Frequency: 10-15 Watts
    ️· Input inrush current: 20A @ 115Vac / 40A @ 230Vac
    ️· Earth leakage: 0.2mA max @ 115Vac / 0.4mA max @ 115Vac
    ️· Dielectric Withstand: 3000Vac (input/output) / 1500Vac (input/ground)

    Output

    ️· Output Rating: See Model Selection Table
    ️· Voltage Accuracy: ±5% max.
    ️· Line Regulation: ±1% max.
    ️· Load Regulation: ±5% max. (Full to half load)
    ️· Transient Response: ±1% max deviation, 1ms recovery
    ️· Ripple & Noise: 2% P-P max.

    Environmental

    ️· Operating Temperature: 0 to +40°C
    ️· Storage Temperature: -20 to +85°C
    ️· Humidity: 5 to 95% RH (non-condensing)
    ️· Vibration: 2.4G, 5 to 500Hz

    Protection

    ️· Over Current Protection
    ️· Over Power Protection
    ️· Short Circuit Protection

    Other

    ️· Efficiency: 65% typical
    ️· Hold-up time: 10ms @ 115Vac
    ️· Weight: 170g
    ️· MTBF: 100,000 hours (MIL-HDBK-217F)

    ## Model Selection Table

    Model No. Output Voltage Output Current (Minimum) Output Current (Maximum) Max Power
    WMA-1201 YZ 5V 0mA 2500mA 12.5W
    WMA-1005 YZ 3.3V 0mA 3000mA 10W

    ## Ordering Information

    ️· Model Format: WMA-XXXXY Z
    - Input Connector Type
    - DC Output Plug Type
    - Model No.

    Part No.WMA-1005A4
    ManufacturerETC1
    Size74 Kbytes
    Pages3 pages
    Description10-15Watts Single Output Wallmount adapter WMA series