データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCET4600 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TCET4600_V01 Datasheet

  • # Example questions: ➢ How does increasing the phase angle affect the forward current transfer ratio (ctr)?
    ➢ What is the typical collector-emitter voltage (vce) used in figures 10 and 8 to generate the respective graphs?
    ➢ How does increasing the load resistance (rl) affect the 'ton' switching time?

  • Part No.TCET4600_V01
    ManufacturerVISHAY
    Size170 Kbytes
    Pages8 pages
    DescriptionOptocoupler, Phototransistor Output, AC Input (Quad Channel)
    Datasheet Summary with AI

    # TCET4600 Optocoupler Datasheet Summary

    ## Description
    The TCET4600 is a quad-channel optocoupler with a phototransistor output and AC input, packaged in a 16-pin DIP. It uses gallium arsenide infrared-emitting diodes.

    ## Features
    · Low coupling capacity (0.2 pF typical)
    · High common mode rejection
    · Low temperature coefficient of CTR
    · High isolation voltages:
    - Impulse Voltage (VIOTM): 10 kV peak
    - Partial Discharge Voltage (Vpd): 1.6 kV peak
    - Isolation Voltage (VIOWM): 600 VRMS
    - Recurring Peak Voltage (VIORM): 890 Vpeak
    · Minimum insulation thickness: ≥ 0.4 mm
    · Creepage current resistance: CTI ≥ 175
    · Agency Approvals: UL/cUL, DIN EN 60747-5-5 (VDE), FIMKO

    ## Absolute Maximum Ratings
    · Forward Current (IF): ± 60 mA

    · Collector Emitter Voltage (VCEO): 70 V
    · Collector Current (IC): 50 mA
    · Total Power Dissipation (Ptot): 250 mW
    · Operating Temperature (Tamb): -55 to +100 °C

    ## Electrical Characteristics (Tamb = 25 °C)
    · Forward Voltage (VF): 1.25 - 1.6 V (IF = ± 50 mA)
    · Collector Dark Current (ICEO): ≤ 100 nA
    · Collector Emitter Saturation Voltage (VCEsat): ≤ 0.3 V (IF = 10 mA, IC = 1 mA)
    · Current Transfer Ratio (CTR): 20-300 % (VCE = 5V, IF = ± 5 mA)

    ## Package Dimensions
    · DIP-16, 7.62 mm pitch

    ## Safety and Insulation Ratings
    · Isolation Resistance (RIO): ≥ 10^12 Ω (VIO = 500 V, Tamb = 25°C)
    · Partial Discharge Voltage (Vpd): 1.669 kV peak (routine test) / 1.424 kV peak (lot test)
    · Creepage/Clearance Distance: ≥ 7 mm (standard DIP-16) / ≥ 8 mm (400 mil DIP-16)

    # TCET4600 Optocoupler Datasheet Summary

    ## Description
    The TCET4600 is a quad-channel optocoupler with a phototransistor output and AC input, packaged in a 16-pin DIP. It uses gallium arsenide infrared-emitting diodes.

    ## Features
    · Low coupling capacity (0.2 pF typical)
    · High common mode rejection
    · Low temperature coefficient of CTR
    · High isolation voltages:
    - Impulse Voltage (VIOTM): 10 kV peak
    - Partial Discharge Voltage (Vpd): 1.6 kV peak
    - Isolation Voltage (VIOWM): 600 VRMS
    - Recurring Peak Voltage (VIORM): 890 Vpeak
    · Minimum insulation thickness: ≥ 0.4 mm
    · Creepage current resistance: CTI ≥ 175
    · Agency Approvals: UL/cUL, DIN EN 60747-5-5 (VDE), FIMKO

    ## Absolute Maximum Ratings
    · Forward Current (IF): ± 60 mA
    · Collector Emitter Voltage (VCEO): 70 V
    · Collector Current (IC): 50 mA
    · Total Power Dissipation (Ptot): 250 mW
    · Operating Temperature (Tamb): -55 to +100 °C

    ## Electrical Characteristics (Tamb = 25 °C)
    · Forward Voltage (VF): 1.25 - 1.6 V (IF = ± 50 mA)
    · Collector Dark Current (ICEO): ≤ 100 nA
    · Collector Emitter Saturation Voltage (VCEsat): ≤ 0.3 V (IF = 10 mA, IC = 1 mA)
    · Current Transfer Ratio (CTR): 20-300 % (VCE = 5V, IF = ± 5 mA)

    ## Package Dimensions
    · DIP-16, 7.62 mm pitch

    ## Safety and Insulation Ratings
    · Isolation Resistance (RIO): ≥ 10^12 Ω (VIO = 500 V, Tamb = 25°C)
    · Partial Discharge Voltage (Vpd): 1.669 kV peak (routine test) / 1.424 kV peak (lot test)
    · Creepage/Clearance Distance: ≥ 7 mm (standard DIP-16) / ≥ 8 mm (400 mil DIP-16)

    Part No.TCET4600_V01
    ManufacturerVISHAY
    Size170 Kbytes
    Pages8 pages
    DescriptionOptocoupler, Phototransistor Output, AC Input (Quad Channel)