データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3339H-1-103LF Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 3339H-1-103LF Datasheet

  • # Example questions: ➢ What is the typical torque required to adjust this potentiometer?
    ➢ How does the 'lf' designation in the ordering code affect the termination plating?
    ➢ What is the maximum power rating of this potentiometer at 85°c?

  • Part No.3339H-1-103LF
    ManufacturerBOURNS
    Size127 Kbytes
    Pages1 page
    Description5/16 Round Trimming Potentiometer
    Datasheet Summary with AI

    # 3339H/3339P/3339S/3339W Trimpot® Trimming Potentiometer

    ## Features

    ️· Four-Turn / Cermet / Industrial / Sealed
    ️· Planetary drive for precise wiper setting
    ️· Top and side adjustment styles
    ️· RoHS compliant versions available
    ️· Adjustment Tool: H-90

    ## Electrical Characteristics

    ️· Standard Resistance Range: 10 to 1 megohm (see resistance table)
    ️· Resistance Tolerance: ±10% std. (tighter tolerance available)
    ️· Absolute Minimum Resistance: 1% or 2 ohms max.
    ️· Contact Resistance Variation: 3% or 3 ohms max.
    ️· Adjustability: ±0.05% Voltage, ±0.1% Resistance, Infinite Resolution
    ️· Insulation Resistance: 500 Vdc, 1,000 megohms min.
    ️· Dielectric Strength: 600 Vac (Sea Level), 250 Vac (80,000 Feet)
    ️· Effective Travel: 4 turns nom.

    ## Environmental Characteristics

    ️· Power Rating: 0.5 watt @ 85°C, 0 watt @ 150°C
    ️· Temperature Range: -55°C to +150°C
    ️· Seal Test: 85°C Fluorinert
    ️· Load Life: 1,000 hours 0.5 watt @ 85°C (3% ΔTR, CRV)
    ️· Rotational Life: 200 cycles (3% ΔTR, CRV)

    ## Physical Characteristics

    ️· Torque: 3 oz-in. max.
    ️· Mechanical Stops: Wiper idles
    ️· Terminals: Solderable pins
    ️· Weight: 0.02 oz.
    ️· Wiper: 50% (Actual TR) ±10%
    ️· Flammability: U.L.94V-0
    ️· Standard Packaging: 50 pcs. per tube

    ## Ordering Information

    ️· Model: 3339H/3339P/3339S/3339W
    ️· Style: Standard or Modified
    ️· Product Indicator: -1 (Standard)
    ️· Resistance Code (See Standard Resistance Table)
    ️· Terminations: LF (100% Tin-plated, RoHS compliant), Blank (90% Tin / 10% Lead-plated)

    ## Standard Resistance Table (Examples)

    Resistance (Ohms) Resistance Code
    10 100
    100 101
    200 201
    500 501
    1,000 102
    10,000 103
    100,000 104
    1,000,000 105

    *(See datasheet for full table)*

    ## Common Dimensions (Examples)

    ️· 6.35 (.250)
    ️· 7.62 (.300)
    ️· .51 (.020)
    ️· 2.54 ± .025 (.10 ± .01)

    # 3339H/3339P/3339S/3339W Trimpot® Trimming Potentiometer

    ## Features

    ️· Four-Turn / Cermet / Industrial / Sealed
    ️· Planetary drive for precise wiper setting
    ️· Top and side adjustment styles
    ️· RoHS compliant versions available
    ️· Adjustment Tool: H-90

    ## Electrical Characteristics

    ️· Standard Resistance Range: 10 to 1 megohm (see resistance table)
    ️· Resistance Tolerance: ±10% std. (tighter tolerance available)
    ️· Absolute Minimum Resistance: 1% or 2 ohms max.
    ️· Contact Resistance Variation: 3% or 3 ohms max.
    ️· Adjustability: ±0.05% Voltage, ±0.1% Resistance, Infinite Resolution
    ️· Insulation Resistance: 500 Vdc, 1,000 megohms min.
    ️· Dielectric Strength: 600 Vac (Sea Level), 250 Vac (80,000 Feet)
    ️· Effective Travel: 4 turns nom.

    ## Environmental Characteristics

    ️· Power Rating: 0.5 watt @ 85°C, 0 watt @ 150°C
    ️· Temperature Range: -55°C to +150°C
    ️· Seal Test: 85°C Fluorinert
    ️· Load Life: 1,000 hours 0.5 watt @ 85°C (3% ΔTR, CRV)
    ️· Rotational Life: 200 cycles (3% ΔTR, CRV)

    ## Physical Characteristics

    ️· Torque: 3 oz-in. max.
    ️· Mechanical Stops: Wiper idles
    ️· Terminals: Solderable pins
    ️· Weight: 0.02 oz.
    ️· Wiper: 50% (Actual TR) ±10%
    ️· Flammability: U.L.94V-0
    ️· Standard Packaging: 50 pcs. per tube

    ## Ordering Information

    ️· Model: 3339H/3339P/3339S/3339W
    ️· Style: Standard or Modified
    ️· Product Indicator: -1 (Standard)
    ️· Resistance Code (See Standard Resistance Table)
    ️· Terminations: LF (100% Tin-plated, RoHS compliant), Blank (90% Tin / 10% Lead-plated)

    ## Standard Resistance Table (Examples)

    Resistance (Ohms) Resistance Code
    10 100
    100 101
    200 201
    500 501
    1,000 102
    10,000 103
    100,000 104
    1,000,000 105

    *(See datasheet for full table)*

    ## Common Dimensions (Examples)

    ️· 6.35 (.250)
    ️· 7.62 (.300)
    ️· .51 (.020)
    ️· 2.54 ± .025 (.10 ± .01)

    Part No.3339H-1-103LF
    ManufacturerBOURNS
    Size127 Kbytes
    Pages1 page
    Description5/16 Round Trimming Potentiometer