| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PICO-APL2 Datasheet
# Example questions:
➢ What are the supported cpu options for the pico-apl2 board, and what is the maximum amount of ram it can support?
➢ What are the expansion options available on the pico-apl2, specifically detailing the types of mini-cards it supports and other available slots?
➢ Describe the display outputs available on the pico-apl2, including the supported resolutions and interfaces.
1. Overview
️· Product: PICO-APL2 - a Pico-ITX form factor industrial motherboard.
️· Manufacturer: AAEON (as indicated by the website www.aaeon.com)
️· Target Use: Likely industrial applications, embedded systems, and potentially low-power devices.
2. Processor Options (CPU)
️· Intel Atom x7-E3950 (4 Core, 1.6 GHz base, 2.0 GHz Turbo, 12W TDP)
️· Intel Atom x5-E3940 (4 Core, 1.6 GHz base, 1.8 GHz Turbo, 9.5W TDP)
️· Intel Pentium N4200 (4 Core, 1.1 GHz base, 2.5 GHz Turbo, 6W TDP)
️· Intel Celeron N3350 (2 Core, 1.1 GHz base, 2.4 GHz Turbo, 6W TDP)
3. Key Specifications
️· Chipset: Integrated within the processor (Atom/Pentium/Celeron SoC)
️· Memory: 1 x DDR3L SO-DIMM slot, up to 8GB, 1600MHz
️· BIOS: AMI/SPI
️· Video: Intel HD Graphics 500/505
- Display Output: 1 x HDMI 1.4 (supports up to 2K resolution at 30Hz), LVDS
- Supports dual simultaneous displays.
️· Audio: Realtek ALC888/897 codec
- 1 x Audio Line Out
️· Networking: Intel i210AT/i210IT Gigabit Ethernet (with pin header)
️· Storage:
- 1 x SATA III connector
- Expansion slots for mSATA or USB 2.0
️· Expansion:
- Full-size Mini Card slot (mPCIe or USB 2.0)
- Half-size Mini Card slot (mPCIe)
️· Power:
- +12V DC power input (pin header)
- Power Consumption (example - Pentium N4200 with 8GB RAM): 2.16A @ +12V (typical), 2.28A @ +12V (max)
️· Operating Temperature: 32°F ~ 140°F (0°C ~ 60°C)
️· Operating System Support: Windows 10 (64-bit), Ubuntu 20.04.4 / 5.13.0
️· Dimensions: 3.94" x 2.84" (100mm x 72mm)
️· Gross Weight: 0.18 lbs (0.08 kg)
4. Ordering Information (Model Numbers)
️· PICO-APL2-A10-0001: N4200 processor
️· PICO-APL2-A10-0002: N3350 processor
️· PICO-APL2-A10-0003: E3950 processor
5. Included Items & Accessories
️· PICO-APL2 motherboard
️· Optional accessories (sold separately):
- SATA cable
- SATA Power Cable
- USB Cable
- COM x 2 & Line-out cable
- Heat spreaders (different models for different processors)
- Heat sink
6. Notable Features
️· Low power consumption
️· Compact form factor (Pico-ITX)
️· Flexible expansion options (mSATA or USB)
️· Dual display support
1. Overview
️· Product: PICO-APL2 - a Pico-ITX form factor industrial motherboard.
️· Manufacturer: AAEON (as indicated by the website www.aaeon.com)
️· Target Use: Likely industrial applications, embedded systems, and potentially low-power devices.
2. Processor Options (CPU)
️· Intel Atom x7-E3950 (4 Core, 1.6 GHz base, 2.0 GHz Turbo, 12W TDP)
️· Intel Atom x5-E3940 (4 Core, 1.6 GHz base, 1.8 GHz Turbo, 9.5W TDP)
️· Intel Pentium N4200 (4 Core, 1.1 GHz base, 2.5 GHz Turbo, 6W TDP)
️· Intel Celeron N3350 (2 Core, 1.1 GHz base, 2.4 GHz Turbo, 6W TDP)
3. Key Specifications
️· Chipset: Integrated within the processor (Atom/Pentium/Celeron SoC)
️· Memory: 1 x DDR3L SO-DIMM slot, up to 8GB, 1600MHz
️· BIOS: AMI/SPI
️· Video: Intel HD Graphics 500/505
- Display Output: 1 x HDMI 1.4 (supports up to 2K resolution at 30Hz), LVDS
- Supports dual simultaneous displays.
️· Audio: Realtek ALC888/897 codec
- 1 x Audio Line Out
️· Networking: Intel i210AT/i210IT Gigabit Ethernet (with pin header)
️· Storage:
- 1 x SATA III connector
- Expansion slots for mSATA or USB 2.0
️· Expansion:
- Full-size Mini Card slot (mPCIe or USB 2.0)
- Half-size Mini Card slot (mPCIe)
️· Power:
- +12V DC power input (pin header)
- Power Consumption (example - Pentium N4200 with 8GB RAM): 2.16A @ +12V (typical), 2.28A @ +12V (max)
️· Operating Temperature: 32°F ~ 140°F (0°C ~ 60°C)
️· Operating System Support: Windows 10 (64-bit), Ubuntu 20.04.4 / 5.13.0
️· Dimensions: 3.94" x 2.84" (100mm x 72mm)
️· Gross Weight: 0.18 lbs (0.08 kg)
4. Ordering Information (Model Numbers)
️· PICO-APL2-A10-0001: N4200 processor
️· PICO-APL2-A10-0002: N3350 processor
️· PICO-APL2-A10-0003: E3950 processor
5. Included Items & Accessories
️· PICO-APL2 motherboard
️· Optional accessories (sold separately):
- SATA cable
- SATA Power Cable
- USB Cable
- COM x 2 & Line-out cable
- Heat spreaders (different models for different processors)
- Heat sink
6. Notable Features
️· Low power consumption
️· Compact form factor (Pico-ITX)
️· Flexible expansion options (mSATA or USB)
️· Dual display support
| Part No. | PICO-APL2 |
| Manufacturer | AAEON |
| Size | 513 Kbytes |
| Pages | 2 pages |
| Description | Pico-ITX Board with Intel Atom® E3900 series/ Pentium® N4200/ Celeron® N3350 Processor SoC |