データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADL5385ACPZ-R7 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ADL5385ACPZ-R7 Datasheet

  • # Example questions: ➢ What is the purpose of the temp pin, and what is its temperature slope (in mv/°c)?
    ➢ What is the typical input bias level (in mv) for the i and q baseband inputs, and what is the expected differential swing (in mv p-p)?
    ➢ What is the maximum junction temperature (in °c) that the adl5385 can withstand?

  • Part No.ADL5385ACPZ-R7
    ManufacturerAD
    Size1Mb
    Pages24 pages
    Description50 MHz to 2200 MHz Quadrature Modulator
    Datasheet Summary with AI

    This document is the datasheet for the ADL5385, a high-performance RF/IF mixer. Here's a summary of the key information:

    1. Overview:

    ️· It's a 4x4 mixer integrated circuit (LFCSP package).
    ️· Designed for RF/IF applications (mixers).

    2. Key Features & Specifications:

    ️· Pin Configuration: Detailed explanation of all pins, including power supplies, baseband inputs, LO inputs, output, enable, and temperature sensor.
    ️· Absolute Maximum Ratings: Defines the limits for voltage, current, temperature, etc., beyond which the device could be damaged.
    ️· ESD Caution: Important reminder about electrostatic discharge handling.
    ️· Power Supplies:
    - Requires multiple power supply pins (VPS1, VPS2, COM1, COM2, COM3) – *all must be connected to the same ground plane.*
    - Requires decoupling capacitors (0.1uF) close to each power pin.
    ️· Baseband Inputs (IBBP, IBBN, QBBP, QBBN):
    - Must be externally DC-biased to 500mV.
    - Nominal AC signal swing: 700mV p-p (150mV - 850mV range)
    ️· LO Inputs: Requires external AC coupling to LO source.
    ️· Output (VOUT): Internally biased, ac-coupled to the load.

    ️· Enable (ENBL): Shuts down the device when grounded.
    ️· Temperature Sensor (TEMP): Provides a dc voltage proportional to die temperature (4.6mV/°C).

    3. Functional Descriptions (Important Considerations):

    ️· DC Biasing: The baseband inputs (IBBP, IBBN, QBBP, QBBN) *absolutely require* an external 500mV DC bias. This is critical for proper operation.
    ️· Grounding: Multiple COM pins must be tied to the same ground plane. Low impedance connections are important.
    ️· AC Coupling: Both the VOUT and LO input require AC coupling.

    Overall: This datasheet is a technical document outlining the device’s capabilities, limitations, and how to properly use it. Careful attention to the grounding, DC biasing, and coupling requirements is crucial for successful implementation.

    1. Overview:

    ️· It's a 4x4 mixer integrated circuit (LFCSP package).
    ️· Designed for RF/IF applications (mixers).

    2. Key Features & Specifications:

    ️· Pin Configuration: Detailed explanation of all pins, including power supplies, baseband inputs, LO inputs, output, enable, and temperature sensor.
    ️· Absolute Maximum Ratings: Defines the limits for voltage, current, temperature, etc., beyond which the device could be damaged.
    ️· ESD Caution: Important reminder about electrostatic discharge handling.
    ️· Power Supplies:
    - Requires multiple power supply pins (VPS1, VPS2, COM1, COM2, COM3) – *all must be connected to the same ground plane.*
    - Requires decoupling capacitors (0.1uF) close to each power pin.
    ️· Baseband Inputs (IBBP, IBBN, QBBP, QBBN):
    - Must be externally DC-biased to 500mV.
    - Nominal AC signal swing: 700mV p-p (150mV - 850mV range)
    ️· LO Inputs: Requires external AC coupling to LO source.
    ️· Output (VOUT): Internally biased, ac-coupled to the load.
    ️· Enable (ENBL): Shuts down the device when grounded.
    ️· Temperature Sensor (TEMP): Provides a dc voltage proportional to die temperature (4.6mV/°C).

    3. Functional Descriptions (Important Considerations):

    ️· DC Biasing: The baseband inputs (IBBP, IBBN, QBBP, QBBN) *absolutely require* an external 500mV DC bias. This is critical for proper operation.
    ️· Grounding: Multiple COM pins must be tied to the same ground plane. Low impedance connections are important.
    ️· AC Coupling: Both the VOUT and LO input require AC coupling.

    Overall: This datasheet is a technical document outlining the device’s capabilities, limitations, and how to properly use it. Careful attention to the grounding, DC biasing, and coupling requirements is crucial for successful implementation.

    Part No.ADL5385ACPZ-R7
    ManufacturerAD
    Size1Mb
    Pages24 pages
    Description50 MHz to 2200 MHz Quadrature Modulator