データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

REF192 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about REF192 Datasheet

  • # Example questions: ➢ For the ref192, how does the maximum load regulation (δvo/δvload) change as the operating temperature range increases from -40°c to +85°c to +125°c? what might explain this change?
    ➢ Compare and contrast the initial accuracy specifications for the ref192 at 25°c versus the ref192 at -40°c to +85°c. what trends do you observe?
    ➢ Which ref19x series voltage reference (ref191 or ref192) offers better performance in terms of dropout voltage at a load current of 10ma and 25ma?

  • Part No.REF192
    ManufacturerAD
    Size649 Kbytes
    Pages28 pages
    DescriptionPrecision Micropower, Low Dropout Voltage References
    Datasheet Summary with AI

    1. General Information and Context:

    ️· Type: LDO Regulators (provides a stable output voltage even with input voltage variations)
    ️· Series: REF19x (likely a family of LDOs with different output voltage options).

    2. Key Parameters and Performance (Consolidated, comparing where data is available):

    I'm going to present a table to highlight the parameters:

    Parameter REF191 REF192 REF19x (Generic) Notes
    Output Voltage Options 2.5V 3.3V Varies Specific values within each grade vary.
    Grade Options E, F, G E, F, G N/A Different grades offer trade-offs between performance & cost.
    Initial Accuracy (IOUT=0mA) 2.495-2.510 V 2.495-2.510 V 2.495-2.510V Varies based on grade and precise voltage
    Line Regulation (3.0V-15V) 2-8 ppm/V 2-8/5-10/4-8 ppm/V Varies Grade dependent
    Load Regulation (0-30mA) 4-15 ppm/A 4-15 ppm/A Varies Grade dependent
    Dropout Voltage (10-30mA) ~1.0-1.4V ~1.0-1.5V Varies Dependent on Load current and exact voltage
    Temperature Coefficient (TCVO) 2-10 ppm/°C 2-10 ppm/°C Varies Grade Dependent
    Long-Term Stability 1.2mV/1000h@125°C 1.2mV/1000h@125°C Varies
    Noise Voltage (0.1-10Hz) 25-35 μV 25-35 μV Varies
    Sleep Mode Current 45-15 μA 45-15 μA Varies
    Input Voltage Range Varies Varies Varies The datasheet doesn't specify it directly.
    Output Current Capability Varies Varies Varies Datasheet doesn’t specify, but likely varies based on grade and power dissipation limits.
    External Components Typically requires a few small ceramic capacitors. Typically requires a few small ceramic capacitors. Varies

    3. Notes and Important Considerations:

    ️· Grade Options (E, F, G): These represent different levels of performance and likely cost. "G" grade usually offers the best performance (lowest noise, best regulation) at a higher price.
    ️· Temperature Ranges: The performance parameters are specified over a temperature range. The datasheets specify -40°C to +125°C as a standard operating range for most parameters.
    ️· Capacitor Requirements: The datasheet strongly emphasizes the need for external capacitors (typically ceramic) on the input and output. These are crucial for stability and proper operation.
    ️· Dropout Voltage: This is the difference between the input voltage and the output voltage where the regulator can still maintain a stable output. A lower dropout voltage is desirable, especially in battery-powered applications.
    ️· No Explicit Input Voltage Range: The documents don’t list an explicit input voltage range, but it is implied it is in the range of 3V - 15V.
    ️· Output Current: Not listed.
    ️· Specific Grades: Further detail would be found on more detailed datasheet information, for each specific grade.

    1. General Information and Context:

    ️· Type: LDO Regulators (provides a stable output voltage even with input voltage variations)
    ️· Series: REF19x (likely a family of LDOs with different output voltage options).

    2. Key Parameters and Performance (Consolidated, comparing where data is available):

    I'm going to present a table to highlight the parameters:

    Parameter REF191 REF192 REF19x (Generic) Notes
    Output Voltage Options 2.5V 3.3V Varies Specific values within each grade vary.
    Grade Options E, F, G E, F, G N/A Different grades offer trade-offs between performance & cost.
    Initial Accuracy (IOUT=0mA) 2.495-2.510 V 2.495-2.510 V 2.495-2.510V Varies based on grade and precise voltage
    Line Regulation (3.0V-15V) 2-8 ppm/V 2-8/5-10/4-8 ppm/V Varies Grade dependent
    Load Regulation (0-30mA) 4-15 ppm/A 4-15 ppm/A Varies Grade dependent
    Dropout Voltage (10-30mA) ~1.0-1.4V ~1.0-1.5V Varies Dependent on Load current and exact voltage
    Temperature Coefficient (TCVO) 2-10 ppm/°C 2-10 ppm/°C Varies Grade Dependent
    Long-Term Stability 1.2mV/1000h@125°C 1.2mV/1000h@125°C Varies
    Noise Voltage (0.1-10Hz) 25-35 μV 25-35 μV Varies
    Sleep Mode Current 45-15 μA 45-15 μA Varies
    Input Voltage Range Varies Varies Varies The datasheet doesn't specify it directly.
    Output Current Capability Varies Varies Varies Datasheet doesn’t specify, but likely varies based on grade and power dissipation limits.
    External Components Typically requires a few small ceramic capacitors. Typically requires a few small ceramic capacitors. Varies

    3. Notes and Important Considerations:

    ️· Grade Options (E, F, G): These represent different levels of performance and likely cost. "G" grade usually offers the best performance (lowest noise, best regulation) at a higher price.
    ️· Temperature Ranges: The performance parameters are specified over a temperature range. The datasheets specify -40°C to +125°C as a standard operating range for most parameters.
    ️· Capacitor Requirements: The datasheet strongly emphasizes the need for external capacitors (typically ceramic) on the input and output. These are crucial for stability and proper operation.
    ️· Dropout Voltage: This is the difference between the input voltage and the output voltage where the regulator can still maintain a stable output. A lower dropout voltage is desirable, especially in battery-powered applications.
    ️· No Explicit Input Voltage Range: The documents don’t list an explicit input voltage range, but it is implied it is in the range of 3V - 15V.
    ️· Output Current: Not listed.
    ️· Specific Grades: Further detail would be found on more detailed datasheet information, for each specific grade.

    Part No.REF192
    ManufacturerAD
    Size649 Kbytes
    Pages28 pages
    DescriptionPrecision Micropower, Low Dropout Voltage References