| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CMC-5044TF-A Datasheet
# Example questions:
➢ What is the typical sensitivity of this microphone at 1 khz?
➢ How many pieces of the cmc-5044tf-a microphone are included in a standard carton?
➢ What is the maximum operating temperature specified for this microphone?
# CMC-5044TF-A | Electret Condenser Microphone
## Features
· Omnidirectional
· Analog
· Solder pads
## Electrical Specifications
· Directivity: Omnidirectional
· Sensitivity: -47 to -41 dB (at 1 kHz)
· Supply Voltage (VDD): 2.0 - 10 V
· Current Consumption: 0.5 mA (VDD = 2.0 V, RL = 2.2 kΩ)
· Frequency Range: 100 - 20,000 Hz
· Signal-to-Noise Ratio: 60 dBA (at 1 kHz)
· Total Harmonic Distortion: 10% (at 115 dB SPL, 1 kHz)
· Acoustic Overload Point: 115 dB SPL (at 1 kHz)
· Output Impedance: 2.2 kΩ
## Environmental Specifications
· Operating Temperature: -20 to 70 °C
· Storage Temperature: -20 to 70 °C
· Hand Soldering Temperature: 310 - 330 °C (for 2±0.5 seconds)
· RoHS Compliant: Yes
## Mechanical Specifications
· Dimensions: Ø6.0 x 5 mm
· Acoustic Port: Top
· Material: AL (Aluminum)
· Terminals: Solder Pads
· Weight: 0.30 g
· Tolerance: ±0.2 mm
## Terminal Connections
· Pin 1: Output (+)
· Pin 2: GND (-)
## Packaging
· Small Box: 63 x 63 x 8 mm (100 pcs/box)
· Medium Box: 125 x 65 x 45 mm
· Carton: 230 x 230 x 270 mm (40,000 pcs/carton)
## Revision History
· Version 1.0 (07/21/2008): Initial release
· Version 1.01 (06/24/2019): Changed mesh cloth color
· Version 1.02 (01/17/2020): Brand update
· Version 1.03 (08/05/2022): Logo and datasheet style update
# CMC-5044TF-A | Electret Condenser Microphone
## Features
· Omnidirectional
· Analog
· Solder pads
## Electrical Specifications
· Directivity: Omnidirectional
· Sensitivity: -47 to -41 dB (at 1 kHz)
· Supply Voltage (VDD): 2.0 - 10 V
· Current Consumption: 0.5 mA (VDD = 2.0 V, RL = 2.2 kΩ)
· Frequency Range: 100 - 20,000 Hz
· Signal-to-Noise Ratio: 60 dBA (at 1 kHz)
· Total Harmonic Distortion: 10% (at 115 dB SPL, 1 kHz)
· Acoustic Overload Point: 115 dB SPL (at 1 kHz)
· Output Impedance: 2.2 kΩ
## Environmental Specifications
· Operating Temperature: -20 to 70 °C
· Storage Temperature: -20 to 70 °C
· Hand Soldering Temperature: 310 - 330 °C (for 2±0.5 seconds)
· RoHS Compliant: Yes
## Mechanical Specifications
· Dimensions: Ø6.0 x 5 mm
· Acoustic Port: Top
· Material: AL (Aluminum)
· Terminals: Solder Pads
· Weight: 0.30 g
· Tolerance: ±0.2 mm
## Terminal Connections
· Pin 1: Output (+)
· Pin 2: GND (-)
## Packaging
· Small Box: 63 x 63 x 8 mm (100 pcs/box)
· Medium Box: 125 x 65 x 45 mm
· Carton: 230 x 230 x 270 mm (40,000 pcs/carton)
## Revision History
· Version 1.0 (07/21/2008): Initial release
· Version 1.01 (06/24/2019): Changed mesh cloth color
· Version 1.02 (01/17/2020): Brand update
· Version 1.03 (08/05/2022): Logo and datasheet style update
| Part No. | CMC-5044TF-A |
| Manufacturer | CUID |
| Size | 1Mb |
| Pages | 5 pages |
| Description | ELECTRET CONDENSER MICROPHONE |
| プライバシーポリシー |
| ALLDATASHEET.JP |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |