データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISF1012 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ISF1012 Datasheet

  • # Example questions: ➢ What is the maximum continuous drain current this mosfet can handle?
    ➢ What is the maximum junction temperature that this mosfet can operate at?
    ➢ Under what conditions is the drain-source on-resistance (rds(on)) measured?

  • Part No.ISF1012
    ManufacturerISC
    Size286 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor
    Datasheet Summary with AI

    # ISF1012 N-Channel MOSFET Transistor

    ## Features

    ️· Drain Current (ID): 139A @ TC = 25°C
    ️· Drain-Source Voltage (VDSS): 150V (min)
    ️· Static Drain-Source On-Resistance (RDS(on)): 5mΩ (max) @ VGS = 10V

    ## Absolute Maximum Ratings

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 150 V
    VGS Gate-Source Voltage-Continuous ±20 V
    ID Drain Current-Continuous 139 A
    IDM Drain Current-Single Pluse 760 A
    PD Total Dissipation @TC=25℃ 214 W
    TJ Max. Operating Junction Temperature 175
    Tstg Storage Temperature -55~175

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rth j-c Thermal Resistance, Junction to Case 0.7 ℃/W

    ## Electrical Characteristics (TC=25°C unless specified)

    SYMBOL PARAMETER CONDITIONS MIN MAX UNIT
    V(BR)DSS Drain-Source Breakdown Voltage VGS= 0; ID=0.25mA 150 -- V
    VGS(th) Gate Threshold Voltage VDS= VGS; ID= 0.5mA 2.5 4.5 V
    RDS(on) Drain-Source On-Resistance VGS= 10V; ID= 97A -- 5
    IGSS Gate-Body Leakage Current VGS= ±20V;VDS= 0 -- ±100 nA
    IDSS Zero Gate Voltage Drain Current VDS= 150V; VGS= 0 -- 1.0 uA
    VSD Forward On-Voltage IS= 97A; VGS= 0 -- 1.2 V

    ## Product Disclaimer

    ️· Intended for general electronic equipment.
    ️· Not designed for specialized quality/reliability equipment or hazardous environments.
    ️· Contact manufacturer for specific application requirements.
    ️· No warranty or liability assumed for application or use of product.

    # ISF1012 N-Channel MOSFET Transistor

    ## Features

    ️· Drain Current (ID): 139A @ TC = 25°C
    ️· Drain-Source Voltage (VDSS): 150V (min)
    ️· Static Drain-Source On-Resistance (RDS(on)): 5mΩ (max) @ VGS = 10V

    ## Absolute Maximum Ratings

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 150 V
    VGS Gate-Source Voltage-Continuous ±20 V
    ID Drain Current-Continuous 139 A
    IDM Drain Current-Single Pluse 760 A
    PD Total Dissipation @TC=25℃ 214 W
    TJ Max. Operating Junction Temperature 175
    Tstg Storage Temperature -55~175

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rth j-c Thermal Resistance, Junction to Case 0.7 ℃/W

    ## Electrical Characteristics (TC=25°C unless specified)

    SYMBOL PARAMETER CONDITIONS MIN MAX UNIT
    V(BR)DSS Drain-Source Breakdown Voltage VGS= 0; ID=0.25mA 150 -- V
    VGS(th) Gate Threshold Voltage VDS= VGS; ID= 0.5mA 2.5 4.5 V
    RDS(on) Drain-Source On-Resistance VGS= 10V; ID= 97A -- 5
    IGSS Gate-Body Leakage Current VGS= ±20V;VDS= 0 -- ±100 nA
    IDSS Zero Gate Voltage Drain Current VDS= 150V; VGS= 0 -- 1.0 uA
    VSD Forward On-Voltage IS= 97A; VGS= 0 -- 1.2 V

    ## Product Disclaimer

    ️· Intended for general electronic equipment.
    ️· Not designed for specialized quality/reliability equipment or hazardous environments.
    ️· Contact manufacturer for specific application requirements.
    ️· No warranty or liability assumed for application or use of product.

    Part No.ISF1012
    ManufacturerISC
    Size286 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor