データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431_06 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TL431_06 Datasheet

  • Example questions: 1. What is the voltage range that the TL431, A, B integrated circuits can be programmed to?
    2. What is the typical dynamic output impedance of the TL431, A, B integrated circuits?
    3. What are some applications where the TL431, A, B integrated circuits can be used as replacements for zener diodes?

  • Part No.TL431_06
    ManufacturerONSEMI
    Size176 Kbytes
    Pages19 pages
    DescriptionProgrammable Precision References
    Datasheet Summary with AI

    The TL431, A, B integrated circuits are programmable shunt regulator diodes that operate as low temperature coefficient zeners.
    They can be programmed from Vref to 36V with two external resistors and have a wide operating current range of 1.0 mA to 100 mA.
    These devices are suitable replacements for zener diodes in applications such as digital voltmeters, power supplies, and op amp circuitry.
    They have a 2.5V reference and can be used as either a positive or negative voltage reference.
    The devices are available in various packages and have maximum ratings, recommended operating conditions, and electrical characteristics specified in the datasheet.
    The NCV prefix indicates that the devices are suitable for automotive and other applications requiring site and change control.

    Datasheet Summary with AI

    The TL431, A, B integrated circuits are programmable shunt regulator diodes that operate as low temperature coefficient zeners.
    They can be programmed from Vref to 36V with two external resistors and have a wide operating current range of 1.0 mA to 100 mA.
    These devices are suitable replacements for zener diodes in applications such as digital voltmeters, power supplies, and op amp circuitry.
    They have a 2.5V reference and can be used as either a positive or negative voltage reference.
    The devices are available in various packages and have maximum ratings, recommended operating conditions, and electrical characteristics specified in the datasheet.
    The NCV prefix indicates that the devices are suitable for automotive and other applications requiring site and change control.

    Part No.TL431_06
    ManufacturerONSEMI
    Size176 Kbytes
    Pages19 pages
    DescriptionProgrammable Precision References