| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CSTCC3M28G53A-R0 Datasheet
# Example questions:
➢ What is the maximum permissible frequency shift over the operating temperature range?
➢ What is the resonant impedance (r1) of this ceramic resonator?
➢ How many units of cstcc3m28g53a-r0 are included in a standard packing quantity?
# CSTCC3M28G53A-R0
## Applications
️· Automotive powertrain/safety equipment (refer to website for performance details)
️· Unsuitable applications require adherence to "Precautions for use."
## Packaging Information
️· Standard Packaging: 180mm Embossed Tape, 2000 units per reel (R0)
## Features
️· High reliability over a wide temperature range.
️· No external load capacitors required for oscillation circuits.
️· Wide frequency range availability.
️· Small size and low profile.
️· No adjustment needed for oscillation circuits.
️· Utilizes Murata's frequency adjustment and package technology (CERALOCK).
## Specifications
️· Product Type: Ceramic Resonator (CERALOCK)
️· Series: CSTCC_G_A
️· Frequency: 3.280MHz
️· Frequency Tolerance: +/-0.50% max.
️· Operating Temperature Range: -40℃~125℃
️· Frequency Shift by Temperature: +/-0.40% max.
️· Frequency Aging: +/-0.30% max.
️· Resonant Impedance (R1): 50ohm max.
️· Built-in Load Capacitance (CL1/CL2): 15pF
️· Shape: SMD
️· Dimensions: 7.2 x 3.0mm
️· Mass: 82mg
️· Washable: Yes
# CSTCC3M28G53A-R0
## Applications
️· Automotive powertrain/safety equipment (refer to website for performance details)
️· Unsuitable applications require adherence to "Precautions for use."
## Packaging Information
️· Standard Packaging: 180mm Embossed Tape, 2000 units per reel (R0)
## Features
️· High reliability over a wide temperature range.
️· No external load capacitors required for oscillation circuits.
️· Wide frequency range availability.
️· Small size and low profile.
️· No adjustment needed for oscillation circuits.
️· Utilizes Murata's frequency adjustment and package technology (CERALOCK).
## Specifications
️· Product Type: Ceramic Resonator (CERALOCK)
️· Series: CSTCC_G_A
️· Frequency: 3.280MHz
️· Frequency Tolerance: +/-0.50% max.
️· Operating Temperature Range: -40℃~125℃
️· Frequency Shift by Temperature: +/-0.40% max.
️· Frequency Aging: +/-0.30% max.
️· Resonant Impedance (R1): 50ohm max.
️· Built-in Load Capacitance (CL1/CL2): 15pF
️· Shape: SMD
️· Dimensions: 7.2 x 3.0mm
️· Mass: 82mg
️· Washable: Yes
| Part No. | CSTCC3M28G53A-R0 |
| Manufacturer | MURATA1 |
| Size | 309 Kbytes |
| Pages | 2 pages |
| Description | Crystal Units/MEMS Resonators |