| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CSTCC3M68G56-R0 Datasheet
# Example questions:
➢ What is the maximum permissible frequency shift over the operating temperature range?
➢ How many units of cstcc3m68g56-r0 are included in a standard packing quantity?
➢ What is the resonant impedance (r1) of this ceramic resonator?
# CSTCC3M68G56-R0
## General Information
️· Product Type: Ceramic Resonator (CERALOCK)
️· Series: CSTCC_G
️· Datasheet Status: May be outdated; download latest version from Murata website: [http://www.murata.com/en/products/productdetail?partno=CSTCC3M68G56-R0](http://www.murata.com/en/products/productdetail?partno=CSTCC3M68G56-R0)
️· Attention: Specifications subject to change or product discontinuation. Confirm with Murata representatives before ordering.
## Specifications
️· Frequency: 3.686 MHz
️· Frequency Tolerance: +/- 0.50% max.
️· Operating Temperature Range: -20℃ ~ 80℃
️· Frequency Shift by Temperature: +/- 0.30% max.
️· Frequency Aging: +/- 0.30% max.
️· Resonant Impedance (R1): 50 ohm max.
️· Built-in Load Capacitance (CL1/CL2): 47pF
️· Shape: SMD
️· Dimensions (L x W): 7.2 x 3.0 mm
️· Mass: 82mg
## Features
️· Eliminates the need for external load capacitors.
️· Wide frequency range availability.
️· Small size and low profile.
️· No adjustment required for oscillation circuits.
## Packaging
️· Standard Packing: 180mm Embossed Tape
️· Quantity: 2000 units
# CSTCC3M68G56-R0
## General Information
️· Product Type: Ceramic Resonator (CERALOCK)
️· Series: CSTCC_G
️· Datasheet Status: May be outdated; download latest version from Murata website: [http://www.murata.com/en/products/productdetail?partno=CSTCC3M68G56-R0](http://www.murata.com/en/products/productdetail?partno=CSTCC3M68G56-R0)
️· Attention: Specifications subject to change or product discontinuation. Confirm with Murata representatives before ordering.
## Specifications
️· Frequency: 3.686 MHz
️· Frequency Tolerance: +/- 0.50% max.
️· Operating Temperature Range: -20℃ ~ 80℃
️· Frequency Shift by Temperature: +/- 0.30% max.
️· Frequency Aging: +/- 0.30% max.
️· Resonant Impedance (R1): 50 ohm max.
️· Built-in Load Capacitance (CL1/CL2): 47pF
️· Shape: SMD
️· Dimensions (L x W): 7.2 x 3.0 mm
️· Mass: 82mg
## Features
️· Eliminates the need for external load capacitors.
️· Wide frequency range availability.
️· Small size and low profile.
️· No adjustment required for oscillation circuits.
## Packaging
️· Standard Packing: 180mm Embossed Tape
️· Quantity: 2000 units
| Part No. | CSTCC3M68G56-R0 |
| Manufacturer | MURATA1 |
| Size | 309 Kbytes |
| Pages | 2 pages |
| Description | Crystal Units/MEMS Resonators |