| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CSTCE12M0G55-R0 Datasheet
# Example questions:
➢ What are the dimensions (length and width) of this smd ceramic resonator?
➢ How many units of cstce12m0g55-r0 are included in a standard packing quantity?
➢ What is the maximum allowable frequency shift due to temperature variations for this ceramic resonator?
# CSTCE12M0G55-R0
## General Information
️· Product Type: Ceramic Resonator (CERALOCK)
️· Series: CSTCE_G
️· Datasheet Status: May be out of date; check Murata's website for latest version: [http://www.murata.com/en/products/productdetail?partno=CSTCE12M0G55-R0](http://www.murata.com/en/products/productdetail?partno=CSTCE12M0G55-R0)
️· Important Note: Specifications are subject to change; confirm details with Murata before ordering.
## Specifications
️· Frequency: 12.000 MHz
️· Frequency Tolerance: +/- 0.50% max.
️· Operating Temperature Range: -20℃ ~ 80℃
️· Frequency Shift by Temperature: +/- 0.20% max.
️· Frequency Aging: +/- 0.10% max.
️· Resonant Impedance (R1): 30 ohm max.
️· Built-in Load Capacitance (CL1/CL2): 33pF
️· Shape: SMD
️· Size (L x W): 3.2 x 1.3 mm
️· Mass: 11 mg
️· Wash: Not available
## Features
️· Eliminates the need for external load capacitors.
️· Suitable for a wide frequency range.
️· Small size and low profile.
️· Requires no adjustment for oscillation circuits.
## Packaging
️· Standard Packing Quantity (R0): 3000
️· Packaging Specifications (R0): 180mm Embossed Tape
# CSTCE12M0G55-R0
## General Information
️· Product Type: Ceramic Resonator (CERALOCK)
️· Series: CSTCE_G
️· Datasheet Status: May be out of date; check Murata's website for latest version: [http://www.murata.com/en/products/productdetail?partno=CSTCE12M0G55-R0](http://www.murata.com/en/products/productdetail?partno=CSTCE12M0G55-R0)
️· Important Note: Specifications are subject to change; confirm details with Murata before ordering.
## Specifications
️· Frequency: 12.000 MHz
️· Frequency Tolerance: +/- 0.50% max.
️· Operating Temperature Range: -20℃ ~ 80℃
️· Frequency Shift by Temperature: +/- 0.20% max.
️· Frequency Aging: +/- 0.10% max.
️· Resonant Impedance (R1): 30 ohm max.
️· Built-in Load Capacitance (CL1/CL2): 33pF
️· Shape: SMD
️· Size (L x W): 3.2 x 1.3 mm
️· Mass: 11 mg
️· Wash: Not available
## Features
️· Eliminates the need for external load capacitors.
️· Suitable for a wide frequency range.
️· Small size and low profile.
️· Requires no adjustment for oscillation circuits.
## Packaging
️· Standard Packing Quantity (R0): 3000
️· Packaging Specifications (R0): 180mm Embossed Tape
| Part No. | CSTCE12M0G55-R0 |
| Manufacturer | MURATA1 |
| Size | 395 Kbytes |
| Pages | 2 pages |
| Description | Crystal Units/MEMS Resonators |