| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about HER151 Datasheet
# Example questions:
➢ What is the typical junction capacitance for the her155 diode?
➢ What are the test conditions for measuring the reverse recovery time (trr)?
➢ What is the maximum average forward rectified current for all the diodes listed in the datasheet?
# HER151 HER158 - 1.5 AMPS High Efficient Rectifiers DO-15
## Features
️· High efficiency, Low VF
️· High current capability
️· High reliability
️· High surge current capability
️· Suitable for low voltage, high frequency applications (inventor, free wheeling, polarity protection)
## Mechanical Data
️· Case: Molded plastic DO-15
️· Epoxy: UL 94V0 rate flame retardant
️· Lead: Pure tin plated, lead free, solderable
️· Polarity: Color band denotes cathode
️· High temperature soldering: 260°C / 10 seconds
️· Mounting position: Any
️· Weight: 0.40 gram
## Maximum Ratings & Electrical Characteristics (Common to all types)
️· Operating Temperature Range: -65 to +150 °C
️· Storage Temperature Range: -65 to +150 °C
️· Typical Thermal Resistance: 60 °C/W
️· Peak Forward Surge Current (8.3ms): 50A
## Specific Ratings (by type - HER151 - HER158)
| Type Number | VRRM (V) | VRMS (V) | VDC (V) | I(AV) (A) | VF @ 1.5A (V) | IR (µA) @ 25°C | Trr (nS) | Cj (pF) |
|---|---|---|---|---|---|---|---|---|
| HER151 | 50 | 35 | 50 | 1.5 | 1.0 | 5.0 | 50 | 50 |
| HER152 | 100 | 70 | 100 | 1.5 | 1.0 | 5.0 | 50 | 50 |
| HER153 | 200 | 140 | 200 | 1.5 | 1.0 | 5.0 | 50 | 50 |
| HER154 | 300 | 210 | 300 | 1.5 | 1.0 | 5.0 | 50 | 50 |
| HER155 | 400 | 280 | 400 | 1.5 | 1.3 | 5.0 | 50 | 50 |
| HER156 | 600 | 420 | 600 | 1.5 | 1.7 | 5.0 | 75 | 35 |
| HER157 | 800 | 560 | 800 | 1.5 | 1.7 | 5.0 | 75 | 35 |
| HER158 | 1000 | 700 | 1000 | 1.5 | 1.7 | 5.0 | 75 | 35 |
# HER151 HER158 - 1.5 AMPS High Efficient Rectifiers DO-15
## Features
️· High efficiency, Low VF
️· High current capability
️· High reliability
️· High surge current capability
️· Suitable for low voltage, high frequency applications (inventor, free wheeling, polarity protection)
## Mechanical Data
️· Case: Molded plastic DO-15
️· Epoxy: UL 94V0 rate flame retardant
️· Lead: Pure tin plated, lead free, solderable
️· Polarity: Color band denotes cathode
️· High temperature soldering: 260°C / 10 seconds
️· Mounting position: Any
️· Weight: 0.40 gram
## Maximum Ratings & Electrical Characteristics (Common to all types)
️· Operating Temperature Range: -65 to +150 °C
️· Storage Temperature Range: -65 to +150 °C
️· Typical Thermal Resistance: 60 °C/W
️· Peak Forward Surge Current (8.3ms): 50A
## Specific Ratings (by type - HER151 - HER158)
| Type Number | VRRM (V) | VRMS (V) | VDC (V) | I(AV) (A) | VF @ 1.5A (V) | IR (µA) @ 25°C | Trr (nS) | Cj (pF) |
|---|---|---|---|---|---|---|---|---|
| HER151 | 50 | 35 | 50 | 1.5 | 1.0 | 5.0 | 50 | 50 |
| HER152 | 100 | 70 | 100 | 1.5 | 1.0 | 5.0 | 50 | 50 |
| HER153 | 200 | 140 | 200 | 1.5 | 1.0 | 5.0 | 50 | 50 |
| HER154 | 300 | 210 | 300 | 1.5 | 1.0 | 5.0 | 50 | 50 |
| HER155 | 400 | 280 | 400 | 1.5 | 1.3 | 5.0 | 50 | 50 |
| HER156 | 600 | 420 | 600 | 1.5 | 1.7 | 5.0 | 75 | 35 |
| HER157 | 800 | 560 | 800 | 1.5 | 1.7 | 5.0 | 75 | 35 |
| HER158 | 1000 | 700 | 1000 | 1.5 | 1.7 | 5.0 | 75 | 35 |
| Part No. | HER151 |
| Manufacturer | TSC |
| Size | 267 Kbytes |
| Pages | 2 pages |
| Description | 1.5 AMPS. High Efficient Rectifiers |