データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STDRIVE101 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STDRIVE101 Datasheet

  • # Example questions: ➢ What changes were made in the initial release (revision 1) of this document?
    ➢ Describe the 'star gnd' configuration shown in figure 6 and explain why it is implemented.
    ➢ What is the purpose of the l6981ndr component (u5) in the schematic, and what does it regulate?

  • Part No.STDRIVE101
    ManufacturerSTMICROELECTRONICS
    Size1Mb
    Pages11 pages
    DescriptionCompact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101
    Datasheet Summary with AI

    Okay, let's break down the information from the provided document, focusing on aspects relevant to understanding the board's capabilities related to current and back EMF sensing.

    1. Board Overview: STEVAL-PTOOL4A

    ️· Purpose: The document details the STEVAL-PTOOL4A evaluation board. It's a platform likely designed for motor control applications (based on components and connections).
    ️· Versions: There's at least one version (STEVAL-PTOOL4AA).
    ️· Revision: The document is revision 1, released April 3, 2024.

    2. Current Sensing (Critical for Motor Control)

    The board appears to have a robust current sensing setup. Here's what's relevant:

    ️· Three-Phase Current Sensing: The board is designed for three-phase motor control. It has separate current sensing paths for each phase (U, V, and W).
    ️· Low-Side Current Sensing: The schematics show that the current sensing is implemented on the low-side of the power stages (MOSFETs). This is common because it avoids potentially high-side voltage issues.
    ️· Sense Resistors: The schematic shows 3mOhm-3W sense resistors (R79) used in each phase, indicating a focus on handling substantial current levels and providing a reasonably accurate voltage drop for current measurement.
    ️· Dedicated Sense Lines: The schematics indicate dedicated sense lines (SRC_UL, SRC_VL, SRC_WL) for each phase, which are routed to components for signal conditioning.
    ️· Operational Amplifiers: Operational amplifiers are present in the current sensing circuits, likely to amplify the small voltage drop across the sense resistors into a usable signal.

    3. Back EMF (BEMF) Sensing

    ️· Phase Voltage Measurement: The board also measures the phase voltages. This is crucial for implementing Field Oriented Control (FOC) and other advanced motor control algorithms that rely on knowing the motor's BEMF.
    ️· Dedicated Measurement Circuit: Each phase voltage has its own dedicated measurement circuit, with connections for filtering and amplification.
    ️· High-Side Voltage Sensing: The board appears to measure the voltage at the high-side of the MOSFETs (OUT_U, OUT_V, OUT_W). This is necessary to accurately measure the back EMF generated by the motor.
    ️· Filtering: 220nF capacitors (C32, C38, C43) are used for filtering the BEMF signal.

    4. Other Relevant Information

    ️· DC-DC Converter: A DC-DC converter is present for generating the required voltages for the board's components.
    ️· Microcontroller (Not Shown in Detail): While the schematics don't detail the microcontroller, it's almost certainly present to process the current and BEMF measurements, implement the control algorithm, and drive the MOSFETs.
    ️· Star Grounding: The document mentions "STAR GND," which indicates a star grounding scheme is used to minimize noise and improve signal integrity. This is crucial for accurate current and BEMF sensing.




    In summary: The STEVAL-PTOOL4A appears to be a well-designed evaluation board for three-phase motor control, with a strong emphasis on accurate current and BEMF sensing. The combination of low-side current sensing, high-side voltage sensing, star grounding, and filtering suggests that the board is capable of supporting advanced motor control algorithms like FOC.

    1. Board Overview: STEVAL-PTOOL4A

    ️· Purpose: The document details the STEVAL-PTOOL4A evaluation board. It's a platform likely designed for motor control applications (based on components and connections).
    ️· Versions: There's at least one version (STEVAL-PTOOL4AA).
    ️· Revision: The document is revision 1, released April 3, 2024.

    2. Current Sensing (Critical for Motor Control)

    The board appears to have a robust current sensing setup. Here's what's relevant:

    ️· Three-Phase Current Sensing: The board is designed for three-phase motor control. It has separate current sensing paths for each phase (U, V, and W).
    ️· Low-Side Current Sensing: The schematics show that the current sensing is implemented on the low-side of the power stages (MOSFETs). This is common because it avoids potentially high-side voltage issues.
    ️· Sense Resistors: The schematic shows 3mOhm-3W sense resistors (R79) used in each phase, indicating a focus on handling substantial current levels and providing a reasonably accurate voltage drop for current measurement.
    ️· Dedicated Sense Lines: The schematics indicate dedicated sense lines (SRC_UL, SRC_VL, SRC_WL) for each phase, which are routed to components for signal conditioning.
    ️· Operational Amplifiers: Operational amplifiers are present in the current sensing circuits, likely to amplify the small voltage drop across the sense resistors into a usable signal.

    3. Back EMF (BEMF) Sensing

    ️· Phase Voltage Measurement: The board also measures the phase voltages. This is crucial for implementing Field Oriented Control (FOC) and other advanced motor control algorithms that rely on knowing the motor's BEMF.
    ️· Dedicated Measurement Circuit: Each phase voltage has its own dedicated measurement circuit, with connections for filtering and amplification.
    ️· High-Side Voltage Sensing: The board appears to measure the voltage at the high-side of the MOSFETs (OUT_U, OUT_V, OUT_W). This is necessary to accurately measure the back EMF generated by the motor.
    ️· Filtering: 220nF capacitors (C32, C38, C43) are used for filtering the BEMF signal.

    4. Other Relevant Information

    ️· DC-DC Converter: A DC-DC converter is present for generating the required voltages for the board's components.
    ️· Microcontroller (Not Shown in Detail): While the schematics don't detail the microcontroller, it's almost certainly present to process the current and BEMF measurements, implement the control algorithm, and drive the MOSFETs.
    ️· Star Grounding: The document mentions "STAR GND," which indicates a star grounding scheme is used to minimize noise and improve signal integrity. This is crucial for accurate current and BEMF sensing.




    In summary: The STEVAL-PTOOL4A appears to be a well-designed evaluation board for three-phase motor control, with a strong emphasis on accurate current and BEMF sensing. The combination of low-side current sensing, high-side voltage sensing, star grounding, and filtering suggests that the board is capable of supporting advanced motor control algorithms like FOC.

    Part No.STDRIVE101
    ManufacturerSTMICROELECTRONICS
    Size1Mb
    Pages11 pages
    DescriptionCompact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101