データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SW4009U-VI Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SW4009U-VI Datasheet

  • # Example questions: ➢ What are the dimensions of this power supply in millimeters?
    ➢ How does this power supply respond if a short circuit occurs on the dc output?
    ➢ What is the maximum input current this power supply can draw?

  • Part No.SW4009U-VI
    ManufacturerTTELEC
    Size367 Kbytes
    Pages2 pages
    DescriptionUSA 2-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT
    Datasheet Summary with AI

    # USA 2-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT

    ## POWERPAX: SW4009U-VI

    Features
    · USA Fixed AC Head
    · 1 Year Warranty
    · Level VI Efficiency
    · CE Approved

    Specifications
    · Part Number: SW4009U-VI
    · Input Voltage: 100-240Vac
    · Input Frequency: 50/60Hz +/- 3Hz
    · Input Current: 0.18A max.
    · Output Voltage: +12V
    · Output Current: 0.5A (Range), 0.01A (Min)
    · Output Connection: 2.1x5.5x12mm, Center Positive, Straight
    · Output Power: 6W
    · Line & Load Regulation: +/- 5%

    · Ripple & Noise: 200mVp-p
    · Efficiency: 78.88% Min
    · Operating Temperature: 0°C to +50°C
    · Storage Temperature: -20°C to +80°C
    · Operating/Storage Humidity: 10% to 90%
    · Hi-Pot: 3000Vac 10mA 1min
    · Safety Standards: UL 60950-1, CSA C22.2 NO.950-1
    · EMC Standards: FCC part 15 Class B, EN55022:2010 Class B, EN 55024:2010, EN 61000-4-2, EN 61000-4-3, EN 61000-4-4, EN 61000-4-5
    · MTBF: 50K Hours
    · Size: 55.1 (L) x 24.1 (W) x 35.49 (H) mm
    · Weight: 57g
    · Regulator Type: Switched Mode Power Supply

    Protection
    · Short-Circuit Protection: Adapter resumes normal operation when fault is removed.
    · Over Current Protection: Output protected against overcurrent conditions.

    # USA 2-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT

    ## POWERPAX: SW4009U-VI

    Features
    · USA Fixed AC Head
    · 1 Year Warranty
    · Level VI Efficiency
    · CE Approved

    Specifications
    · Part Number: SW4009U-VI
    · Input Voltage: 100-240Vac
    · Input Frequency: 50/60Hz +/- 3Hz
    · Input Current: 0.18A max.
    · Output Voltage: +12V
    · Output Current: 0.5A (Range), 0.01A (Min)
    · Output Connection: 2.1x5.5x12mm, Center Positive, Straight
    · Output Power: 6W
    · Line & Load Regulation: +/- 5%
    · Ripple & Noise: 200mVp-p
    · Efficiency: 78.88% Min
    · Operating Temperature: 0°C to +50°C
    · Storage Temperature: -20°C to +80°C
    · Operating/Storage Humidity: 10% to 90%
    · Hi-Pot: 3000Vac 10mA 1min
    · Safety Standards: UL 60950-1, CSA C22.2 NO.950-1
    · EMC Standards: FCC part 15 Class B, EN55022:2010 Class B, EN 55024:2010, EN 61000-4-2, EN 61000-4-3, EN 61000-4-4, EN 61000-4-5
    · MTBF: 50K Hours
    · Size: 55.1 (L) x 24.1 (W) x 35.49 (H) mm
    · Weight: 57g
    · Regulator Type: Switched Mode Power Supply

    Protection
    · Short-Circuit Protection: Adapter resumes normal operation when fault is removed.
    · Over Current Protection: Output protected against overcurrent conditions.

    Part No.SW4009U-VI
    ManufacturerTTELEC
    Size367 Kbytes
    Pages2 pages
    DescriptionUSA 2-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT