データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BTA04A Datasheet
Example questions:
1. What is the maximum RMS on-state current for the BTA04 triac at a case temperature of 90°C?
2. What is the nonrepetitive surge peak on-state current for the BTB04 triac at an initial junction temperature of 25°C and a pulse duration of 8.3ms?
3. What is the maximum storage and operating junction temperature range for the BTA/BTB04 T/D/S/A triac family?
The document provides detailed technical specifications for the BTA/BTB04 T/D/S/A sensitive gate triacs.
It includes information on features, description, electrical characteristics, thermal resistance, gate characteristics, ordering information, and package mechanical data.
The triacs are suitable for general purpose applications where gate high sensitivity is required, such as phase control and static switching.
The document also includes information on absolute ratings, product information, and other relevant details.
Part No. | BTA04A |
Manufacturer | STMICROELECTRONICS |
Size | 438 Kbytes |
Pages | 6 pages |
Description | SENSITIVE GATE TRIACS |