データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADCMP582BCP-R2 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ADCMP582BCP-R2 Datasheet

  • # Example questions: ➢ What is the thermal resistance (θja) of the 16-lead lfcsp package in still air, and what does this value represent?
    ➢ What is the maximum allowable operating junction temperature for the adcmp580/adcmp581/adcmp582?
    ➢ In the timing diagram (figure 2), what does 'tpdl' represent, and what is it measured from?

  • Part No.ADCMP582BCP-R2
    ManufacturerAD
    Size429 Kbytes
    Pages16 pages
    DescriptionUltrafast SiGe Voltage Comparators
    Datasheet Summary with AI

    1. Key Features (Based on context and product overview)

    ️· Comparator/Latch: The devices (ADCMP580, ADCMP581, ADCMP582) are comparators with integrated latch functionality. They compare input voltages and provide a latchable output.
    ️· Multiple Interfaces: They support various interfaces including CML (Comparator Logic), NECL (Negative Edge CML Logic), and PECL (Positive Edge CML Logic).
    ️· Latching Function: Provides a latchable output for storing the comparison result.
    ️· Wide Supply Voltage: Supports a broad range of supply voltages.

    2. Electrical Characteristics (Highlights - Important Values)

    ️· Supply Voltages:
    - VCCI (Positive) to GND: -0.5V to +6.0V
    - VEE (Negative) to GND: -6.0V to +0.5V
    - VCCO (Logic) to GND: -0.5V to +6.0V
    ️· Input Voltages:
    - Input Voltage (Single): -3.0V to +4.0V
    - Differential Input Voltage: -2V to +2V
    - Latch Enable Input: -2.5V to +5.5V
    ️· Output Current:
    - ADCMP580 (CML): -25 mA
    - ADCMP581 (NECL): -40 mA
    - ADCMP582 (PECL): -40 mA

    3. Timing Information (Key Points - Refer to Figures and Tables)

    ️· Key Timing Parameters: The timing is critical for proper operation with the latch. Important parameters include:
    - `tPDH`: Input-to-Output High Delay
    - `tPDL`: Input-to-Output Low Delay
    - `tPLOH`: Latch Enable to Output High Delay
    - `tPLOL`: Latch Enable to Output Low Delay
    - `tH`: Hold Time
    - `tS`: Setup Time
    ️· Latch Enable: Requires a minimum pulse width (`tPL`).
    ️· Refer to the diagram The timing relationship of comparator is described in Figure 2.

    4. Absolute Maximum Ratings (Important limits)

    ️· Temperature:
    - Operating Ambient: -40°C to +125°C
    - Junction: 125°C
    - Storage: -65°C to +150°C
    ️· Thermal Resistance: θ JA (Junction-to-Ambient): 70°C/W (for LFCSP package) - This means that the device dissipates a lot of heat, so proper cooling is needed.
    ️· ESD Caution: The device is sensitive to Electrostatic Discharge (ESD).

    5. Additional Notes

    ️· Thermal Considerations: The 16-lead LFCSP package has a relatively high thermal resistance (70°C/W), indicating it needs good airflow or heatsinking to prevent overheating.
    ️· ESD Sensitivity: Standard ESD precautions must be followed during handling.
    ️· Refer to Datasheet: This is a summarized extraction. The complete datasheet contains more details and specifications.

    1. Key Features (Based on context and product overview)

    ️· Comparator/Latch: The devices (ADCMP580, ADCMP581, ADCMP582) are comparators with integrated latch functionality. They compare input voltages and provide a latchable output.
    ️· Multiple Interfaces: They support various interfaces including CML (Comparator Logic), NECL (Negative Edge CML Logic), and PECL (Positive Edge CML Logic).
    ️· Latching Function: Provides a latchable output for storing the comparison result.
    ️· Wide Supply Voltage: Supports a broad range of supply voltages.

    2. Electrical Characteristics (Highlights - Important Values)

    ️· Supply Voltages:
    - VCCI (Positive) to GND: -0.5V to +6.0V
    - VEE (Negative) to GND: -6.0V to +0.5V
    - VCCO (Logic) to GND: -0.5V to +6.0V
    ️· Input Voltages:
    - Input Voltage (Single): -3.0V to +4.0V
    - Differential Input Voltage: -2V to +2V
    - Latch Enable Input: -2.5V to +5.5V
    ️· Output Current:
    - ADCMP580 (CML): -25 mA
    - ADCMP581 (NECL): -40 mA
    - ADCMP582 (PECL): -40 mA

    3. Timing Information (Key Points - Refer to Figures and Tables)

    ️· Key Timing Parameters: The timing is critical for proper operation with the latch. Important parameters include:
    - `tPDH`: Input-to-Output High Delay
    - `tPDL`: Input-to-Output Low Delay
    - `tPLOH`: Latch Enable to Output High Delay
    - `tPLOL`: Latch Enable to Output Low Delay
    - `tH`: Hold Time
    - `tS`: Setup Time
    ️· Latch Enable: Requires a minimum pulse width (`tPL`).
    ️· Refer to the diagram The timing relationship of comparator is described in Figure 2.

    4. Absolute Maximum Ratings (Important limits)

    ️· Temperature:
    - Operating Ambient: -40°C to +125°C
    - Junction: 125°C
    - Storage: -65°C to +150°C
    ️· Thermal Resistance: θ JA (Junction-to-Ambient): 70°C/W (for LFCSP package) - This means that the device dissipates a lot of heat, so proper cooling is needed.
    ️· ESD Caution: The device is sensitive to Electrostatic Discharge (ESD).

    5. Additional Notes

    ️· Thermal Considerations: The 16-lead LFCSP package has a relatively high thermal resistance (70°C/W), indicating it needs good airflow or heatsinking to prevent overheating.
    ️· ESD Sensitivity: Standard ESD precautions must be followed during handling.
    ️· Refer to Datasheet: This is a summarized extraction. The complete datasheet contains more details and specifications.

    Part No.ADCMP582BCP-R2
    ManufacturerAD
    Size429 Kbytes
    Pages16 pages
    DescriptionUltrafast SiGe Voltage Comparators