データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9907N Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about L9907N Datasheet

  • # Example questions: ➢ What are the key protection features built into the l9907n, and how do they prevent damage to the device or connected systems?
    ➢ The datasheet mentions several application diagrams for headlight adjustment. what are the primary differences between these diagrams (figures 3, 5, and 7) and in what scenarios would each be most appropriate?
    ➢ How does the l9907n handle overvoltage and thermal overload conditions, and what are the specific thresholds that trigger these safety mechanisms?

  • Part No.L9907N
    ManufacturerSTMICROELECTRONICS
    Size83 Kbytes
    Pages8 pages
    DescriptionMOTOR BRIDGE FOR HEADLIGHT ADJUSTMENT
    Datasheet Summary with AI

    ## Summary of the L9907N Datasheet

    The L9907N is a dual driver IC designed for DC motor control, specifically targeted for headlight adjustment applications, but usable in other scenarios requiring bidirectional control. Here's a breakdown of its key features and specifications:

    Key Features:

    ️· Dual Full-Bridge Driver: Can drive two DC motors independently.
    ️· Proportional & PWM Control: Supports both proportional and Pulse-Width Modulation (PWM) control schemes for precise motor movement.
    ️· Protection Features:
    - Overvoltage Protection: Disables outputs if supply voltage exceeds 18V.
    - Thermal Shutdown: Disables outputs to prevent overheating (150°C threshold).
    - Reverse Battery Protection: Requires an external diode for protection.
    - Input Disable: Can be disabled via control inputs.
    ️· Control Methods: Supports tracking regulation and proportional regulation.
    ️· Neutral Zone: Designed to maintain position if control signals are lost.
    ️· SO20 Package: Standard small outline package.

    Key Specifications:

    ️· Supply Voltage: Operates with a range of supply voltages, with overvoltage protection at >18V.

    ️· Maximum Output Current: 0.8A per channel.
    ️· Thermal Shutdown Temperature: 150°C (minimum) with 20°C hysteresis.
    ️· Control Input Disable Thresholds: Approximately 1.2V (low) and VS-1.2V (high).

    Application Focus:

    The datasheet heavily emphasizes headlight adjustment applications, providing specific circuit examples and considerations for this use case. However, the L9907N can also be used in other applications requiring bidirectional DC motor control with various levels of precision.

    Overall:

    The L9907N is a robust and feature-rich dual driver IC well-suited for DC motor control applications that demand protection, precision, and reliability. Its specific design for headlight adjustment makes it an ideal choice for automotive applications but its versatility allows for broader usage.

    ## Summary of the L9907N Datasheet

    The L9907N is a dual driver IC designed for DC motor control, specifically targeted for headlight adjustment applications, but usable in other scenarios requiring bidirectional control. Here's a breakdown of its key features and specifications:

    Key Features:

    ️· Dual Full-Bridge Driver: Can drive two DC motors independently.
    ️· Proportional & PWM Control: Supports both proportional and Pulse-Width Modulation (PWM) control schemes for precise motor movement.
    ️· Protection Features:
    - Overvoltage Protection: Disables outputs if supply voltage exceeds 18V.
    - Thermal Shutdown: Disables outputs to prevent overheating (150°C threshold).
    - Reverse Battery Protection: Requires an external diode for protection.
    - Input Disable: Can be disabled via control inputs.
    ️· Control Methods: Supports tracking regulation and proportional regulation.
    ️· Neutral Zone: Designed to maintain position if control signals are lost.
    ️· SO20 Package: Standard small outline package.

    Key Specifications:

    ️· Supply Voltage: Operates with a range of supply voltages, with overvoltage protection at >18V.
    ️· Maximum Output Current: 0.8A per channel.
    ️· Thermal Shutdown Temperature: 150°C (minimum) with 20°C hysteresis.
    ️· Control Input Disable Thresholds: Approximately 1.2V (low) and VS-1.2V (high).

    Application Focus:

    The datasheet heavily emphasizes headlight adjustment applications, providing specific circuit examples and considerations for this use case. However, the L9907N can also be used in other applications requiring bidirectional DC motor control with various levels of precision.

    Overall:

    The L9907N is a robust and feature-rich dual driver IC well-suited for DC motor control applications that demand protection, precision, and reliability. Its specific design for headlight adjustment makes it an ideal choice for automotive applications but its versatility allows for broader usage.

    Part No.L9907N
    ManufacturerSTMICROELECTRONICS
    Size83 Kbytes
    Pages8 pages
    DescriptionMOTOR BRIDGE FOR HEADLIGHT ADJUSTMENT