| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LDO51 Datasheet
# Example questions:
➢ What is the minimum input voltage required for this regulator to operate, even though it’s guaranteed performance is specified at 3v?
➢ What is the typical output voltage accuracy, and what does this percentage refer to?
➢ What is the recommended range for the esr of the external capacitor (cout) needed for stable regulator operation?
# LDO_51 Low Dropout Voltage Regulator
## Overview
️· Low power, high PSRR regulator.
️· Designed for portable devices powered by single-cell Li-ion or multi-cell NiMH/NiCd batteries.
️· Typical applications: Cellular phones, PDAs, smartphones, portable equipment, and analog/mixed-signal power supply.
## Key Features
️· Input Voltage Range: 3V - 5.5V
️· Output Voltage: 2.8V
️· Dropout Voltage: 50mV (at 80mA load) / 170mV (guaranteed)
️· Output Current: 0.1mA - 80mA
️· Quiescent Current: 30µA (at 100µA load) / 130µA (at 80mA load) / 100nA (power down mode)
️· PSRR: 60dB (f < 10kHz) / 50dB (f < 100kHz)
️· Output Noise Voltage: 1.5 µV/Hz (100Hz) / 550 nV/Hz (1kHz) / 300 µV/Hz (100kHz)
️· Short Circuit Current Limit: 180mA - 300mA
## Electrical Characteristics
️· Line Regulation: 3mV - 6mV
️· Load Regulation: 30mV - 45mV
️· Line Transient: 1mV
️· Load Transient: 1mV
️· Settling Time: 25µs
️· Recommended Output Capacitor: 1µF (ESR 0.02Ω - 0.6Ω)
## Application Notes
️· External capacitor (Cout = 1µF) with ESR between 0.02 to 0.6Ω is necessary for regulator stability.
️· Device is operational with a minimum input voltage of 2.7V, but characteristics are specified for 3V minimum.
# LDO_51 Low Dropout Voltage Regulator
## Overview
️· Low power, high PSRR regulator.
️· Designed for portable devices powered by single-cell Li-ion or multi-cell NiMH/NiCd batteries.
️· Typical applications: Cellular phones, PDAs, smartphones, portable equipment, and analog/mixed-signal power supply.
## Key Features
️· Input Voltage Range: 3V - 5.5V
️· Output Voltage: 2.8V
️· Dropout Voltage: 50mV (at 80mA load) / 170mV (guaranteed)
️· Output Current: 0.1mA - 80mA
️· Quiescent Current: 30µA (at 100µA load) / 130µA (at 80mA load) / 100nA (power down mode)
️· PSRR: 60dB (f < 10kHz) / 50dB (f < 100kHz)
️· Output Noise Voltage: 1.5 µV/Hz (100Hz) / 550 nV/Hz (1kHz) / 300 µV/Hz (100kHz)
️· Short Circuit Current Limit: 180mA - 300mA
## Electrical Characteristics
️· Line Regulation: 3mV - 6mV
️· Load Regulation: 30mV - 45mV
️· Line Transient: 1mV
️· Load Transient: 1mV
️· Settling Time: 25µs
️· Recommended Output Capacitor: 1µF (ESR 0.02Ω - 0.6Ω)
## Application Notes
️· External capacitor (Cout = 1µF) with ESR between 0.02 to 0.6Ω is necessary for regulator stability.
️· Device is operational with a minimum input voltage of 2.7V, but characteristics are specified for 3V minimum.
| Part No. | LDO51 |
| Manufacturer | STMICROELECTRONICS |
| Size | 204 Kbytes |
| Pages | 4 pages |
| Description | IP Library: High PSRR, Low power, 80mA Low Dropout Voltage Regulator |