データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M74HC292M1R Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about M74HC292M1R Datasheet

  • # Example questions: ➢ What is the definition of 'cpd' (power dissipation capacitance) as explained in footnote 1 of the datasheet?
    ➢ What is the specified frequency and duty cycle used for testing?
    ➢ What is the maximum clock frequency for the m74hc292 when vcc is 6.0v?

  • Part No.M74HC292M1R
    ManufacturerSTMICROELECTRONICS
    Size469 Kbytes
    Pages12 pages
    DescriptionPROGRAMMABLE DIVIDER/TIMER
    Datasheet Summary with AI

    Okay, I've processed the provided text, which appears to be a datasheet excerpt for the M74HC292 (likely a D-type flip-flop or similar digital logic IC). Here's a summary, broken down into key areas:

    1. Core Device Information:

    ️· Part Number: M74HC292
    ️· Technology: HCMOS (High-Speed CMOS) - Implies relatively low power consumption and decent speed.

    2. Key Electrical Characteristics (Highlights):

    ️· Supply Voltage (VCC): The datasheet suggests operation with VCC ranging from 2.0V to 6.0V.
    ️· Propagation Delay (tPLH, tPHL): This is a crucial timing parameter - how long it takes for a signal to propagate through the IC. The delay varies significantly with VCC and temperature. Ranges from approximately 39ns to 350ns, depending on these factors.
    ️· Maximum Clock Frequency (fMAX): The maximum operational frequency is dependent on supply voltage, with a range from 3.4MHz to 75MHz.
    ️· Minimum Pulse Widths: Critical for clock (CLK) and clear (CLR) signals. These define the minimum time the signal must be high or low for the IC to recognize it. Ranges from 7ns to 190ns.

    3. Capacitive Characteristics:

    ️· Input Capacitance (CIN): Approximately 5pF - 10pF, depending on conditions.
    ️· Power Dissipation Capacitance (CPD): 21pF (at 5V). This relates to the power consumption of the IC when switching.

    4. Test Conditions:


    ️· The datasheet specifies test conditions, including a load capacitance (CL) of 50pF and a source impedance (RT) of 50 ohms. This is important for interpreting the timing parameters.
    ️· The test waveform uses a 1MHz signal with a 50% duty cycle.

    5. Temperature Ranges:

    ️· The datasheet provides specifications for various temperature ranges, including 25°C, -40°C to 85°C, and -55°C to 125°C. This is important for ensuring the IC operates reliably in different environments.

    Key Takeaways & What This Data Tells You:

    ️· Speed/Performance: The M74HC292 is a relatively fast CMOS logic IC, but its speed is highly dependent on the supply voltage. Lowering the voltage reduces the speed.
    ️· Power Consumption: HCMOS technology generally offers a good balance between speed and power consumption.
    ️· Timing-Critical Applications: This datasheet is *essential* if you're designing circuits where precise timing is important (e.g., counters, state machines, high-speed data processing). You need to carefully consider the propagation delays and pulse width requirements.
    ️· Reliability: The datasheet's temperature specifications indicate the IC's operating range, helping you ensure it functions correctly in different environments.



    If you have any specific questions about the datasheet, feel free to ask! For example, you could ask me about a particular parameter, or how to interpret a specific graph.

    1. Core Device Information:

    ️· Part Number: M74HC292
    ️· Technology: HCMOS (High-Speed CMOS) - Implies relatively low power consumption and decent speed.

    2. Key Electrical Characteristics (Highlights):

    ️· Supply Voltage (VCC): The datasheet suggests operation with VCC ranging from 2.0V to 6.0V.
    ️· Propagation Delay (tPLH, tPHL): This is a crucial timing parameter - how long it takes for a signal to propagate through the IC. The delay varies significantly with VCC and temperature. Ranges from approximately 39ns to 350ns, depending on these factors.
    ️· Maximum Clock Frequency (fMAX): The maximum operational frequency is dependent on supply voltage, with a range from 3.4MHz to 75MHz.
    ️· Minimum Pulse Widths: Critical for clock (CLK) and clear (CLR) signals. These define the minimum time the signal must be high or low for the IC to recognize it. Ranges from 7ns to 190ns.

    3. Capacitive Characteristics:

    ️· Input Capacitance (CIN): Approximately 5pF - 10pF, depending on conditions.
    ️· Power Dissipation Capacitance (CPD): 21pF (at 5V). This relates to the power consumption of the IC when switching.

    4. Test Conditions:

    ️· The datasheet specifies test conditions, including a load capacitance (CL) of 50pF and a source impedance (RT) of 50 ohms. This is important for interpreting the timing parameters.
    ️· The test waveform uses a 1MHz signal with a 50% duty cycle.

    5. Temperature Ranges:

    ️· The datasheet provides specifications for various temperature ranges, including 25°C, -40°C to 85°C, and -55°C to 125°C. This is important for ensuring the IC operates reliably in different environments.

    Key Takeaways & What This Data Tells You:

    ️· Speed/Performance: The M74HC292 is a relatively fast CMOS logic IC, but its speed is highly dependent on the supply voltage. Lowering the voltage reduces the speed.
    ️· Power Consumption: HCMOS technology generally offers a good balance between speed and power consumption.
    ️· Timing-Critical Applications: This datasheet is *essential* if you're designing circuits where precise timing is important (e.g., counters, state machines, high-speed data processing). You need to carefully consider the propagation delays and pulse width requirements.
    ️· Reliability: The datasheet's temperature specifications indicate the IC's operating range, helping you ensure it functions correctly in different environments.

    Part No.M74HC292M1R
    ManufacturerSTMICROELECTRONICS
    Size469 Kbytes
    Pages12 pages
    DescriptionPROGRAMMABLE DIVIDER/TIMER