| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about T1620W Datasheet
# Example questions:
➢ What is the maximum rms on-state current (itrms) that the t1620w triac can handle at a case temperature of 75°c?
➢ What is the typical gate trigger current (igt) for the t1620w triac when vd = 12v (dc) and rl = 33ω?
➢ What is the storage temperature range within which the t1620/1630w triacs can be safely stored?
# T1620W / T1630W Triac Datasheet
## Electrical Characteristics
️· ITRMS: 16A (RMS on-state current)
️· VDRM/VRRM: 400V to 700V (Repetitive peak off-state voltage)
️· ITSM: 165A (Non-repetitive surge peak on-state current, 16.7ms) / 195A (10ms)
️· I2t: 190 A²s (half-cycle, 50 Hz, 10ms)
️· IGT (Trigger Current): Max 30mA (Tj=25°C)
️· VGT (Gate Trigger Voltage): Max 1.5V (Tj=25°C)
️· dV/dt: Min 200 V/µs (Gate open, Tj=125°C)
️· dI/dt: 20 A/µs (Repetitive) / 100 A/µs (Non-Repetitive)
️· VTM: Max 1.5V (at 22.5A)
## Thermal Characteristics
️· Rth(j-a): 50 °C/W (Junction to ambient)
️· Rth(j-c): 2.5 °C/W (Junction to case, 360° conduction)
️· Tstg: -40 to +150 °C (Storage temperature)
️· Tj: -40 to +125 °C (Operating junction temperature)
️· Tl: 260 °C (Max lead temperature for soldering)
## Package Information
️· Package: ISOWATT220AB (Plastic)
️· Weight: 2.1g
️· Mounting Torque: 0.55 - 0.70 m.N.
## Key Features
️· Snubberless design (R-C network suppression)
️· Glass passivated chip technology
️· Suitable for phase control and static switching on inductive/resistive loads
️· UL Recognized: E81734
️· Insulating Voltage: 1500V (RMS)
## Absolute Ratings
️· ITRMS: 16A
️· VDRM/VRRM: 400V – 700V
️· IGM: 4A (tp=20µs)
️· PGM: 10W (tp=20µs)
️· P(AV): 1W
# T1620W / T1630W Triac Datasheet
## Electrical Characteristics
️· ITRMS: 16A (RMS on-state current)
️· VDRM/VRRM: 400V to 700V (Repetitive peak off-state voltage)
️· ITSM: 165A (Non-repetitive surge peak on-state current, 16.7ms) / 195A (10ms)
️· I2t: 190 A²s (half-cycle, 50 Hz, 10ms)
️· IGT (Trigger Current): Max 30mA (Tj=25°C)
️· VGT (Gate Trigger Voltage): Max 1.5V (Tj=25°C)
️· dV/dt: Min 200 V/µs (Gate open, Tj=125°C)
️· dI/dt: 20 A/µs (Repetitive) / 100 A/µs (Non-Repetitive)
️· VTM: Max 1.5V (at 22.5A)
## Thermal Characteristics
️· Rth(j-a): 50 °C/W (Junction to ambient)
️· Rth(j-c): 2.5 °C/W (Junction to case, 360° conduction)
️· Tstg: -40 to +150 °C (Storage temperature)
️· Tj: -40 to +125 °C (Operating junction temperature)
️· Tl: 260 °C (Max lead temperature for soldering)
## Package Information
️· Package: ISOWATT220AB (Plastic)
️· Weight: 2.1g
️· Mounting Torque: 0.55 - 0.70 m.N.
## Key Features
️· Snubberless design (R-C network suppression)
️· Glass passivated chip technology
️· Suitable for phase control and static switching on inductive/resistive loads
️· UL Recognized: E81734
️· Insulating Voltage: 1500V (RMS)
## Absolute Ratings
️· ITRMS: 16A
️· VDRM/VRRM: 400V – 700V
️· IGM: 4A (tp=20µs)
️· PGM: 10W (tp=20µs)
️· P(AV): 1W
| Part No. | T1620W |
| Manufacturer | STMICROELECTRONICS |
| Size | 62 Kbytes |
| Pages | 5 pages |
| Description | SNUBBERLESS TRIAC |