データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T620W Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about T620W Datasheet

  • # Example questions: ➢ What is the maximum repetitive peak off-state voltage (vdrm) available for the t620w triac?
    ➢ What is the typical gate trigger current (igt) for the t620w/630w when vdrm is applied, and rl is 3kω, at a junction temperature of 125°c?
    ➢ What is the maximum allowable lead temperature for soldering the t620w/630w for 10 seconds, measured 4.5mm from the case?

  • Part No.T620W
    ManufacturerSTMICROELECTRONICS
    Size62 Kbytes
    Pages5 pages
    DescriptionSNUBBERLESS TRIAC
    Datasheet Summary with AI

    # T620W / 630W Triac Datasheet Summary

    ## Electrical Characteristics
    ️· ITRMS (RMS On-State Current): 6A (at Tc=100°C)
    ️· VDRM / VRRM (Repetitive Peak Off-State/Reverse Voltage): 400V, 600V, 700V options.
    ️· ITSM (Non-Repetitive Surge Peak On-State Current): 66A (tp=16.7ms, 60Hz), 75A (tp=10ms, 50Hz)
    ️· IGT (Gate Trigger Current): Max 20mA (Tj=25°C, I-II-III quadrant)
    ️· VGT (Gate Trigger Voltage): Max 1.5V (Tj=25°C, I-II-III quadrant)
    ️· dV/dt Critical Rate of Rise: Min 200 V/µs (Tj=125°C)
    ️· Holding Current (IH): Max 50mA (Tj=25°C)

    ## Thermal Characteristics
    ️· Rth(j-a) (Junction-to-Ambient Thermal Resistance): 50°C/W
    ️· Rth(j-c) (Junction-to-Case Thermal Resistance): 3.4°C/W
    ️· Tj (Operating Junction Temperature): -40°C to +125°C
    ️· Tstg (Storage Temperature Range): -40°C to +150°C
    ️· Tl (Lead Temperature for Soldering): 260°C (for 10s at 4.5mm from case)

    ## Features
    ️· Snubberless design (suppresses R-C network)

    ️· Suitable for phase control and static switching on inductive/resistive loads
    ️· High performance glass passivated chip technology
    ️· U.L. Recognized (E81734)
    ️· Insulating Voltage: 1500V (RMS)

    ## Package Information
    ️· Package Type: ISOWATT220AB (Plastic)
    ️· Weight: 2.1g
    ️· Recommended Torque: 0.55 m.N
    ️· Maximum Torque: 0.70 m.N

    ## Key Performance Metrics
    ️· I2t Value (half-cycle, 50Hz, tp=10ms): 28 A²s
    ️· Critical Rate of Rise of On-State Current (dI/dt): 20 A/µs (Repetitive), 100A/µs (Non-Repetitive)
    ️· Gate Power Dissipation (PGM): 10W (tp=20µs)
    ️· Gate Trigger Current (IGM): 4A (tp=20µs)
    ️· VTM (On-State Voltage): Max 1.5V (ITM = 8.5A)

    # T620W / 630W Triac Datasheet Summary

    ## Electrical Characteristics
    ️· ITRMS (RMS On-State Current): 6A (at Tc=100°C)
    ️· VDRM / VRRM (Repetitive Peak Off-State/Reverse Voltage): 400V, 600V, 700V options.
    ️· ITSM (Non-Repetitive Surge Peak On-State Current): 66A (tp=16.7ms, 60Hz), 75A (tp=10ms, 50Hz)
    ️· IGT (Gate Trigger Current): Max 20mA (Tj=25°C, I-II-III quadrant)
    ️· VGT (Gate Trigger Voltage): Max 1.5V (Tj=25°C, I-II-III quadrant)
    ️· dV/dt Critical Rate of Rise: Min 200 V/µs (Tj=125°C)
    ️· Holding Current (IH): Max 50mA (Tj=25°C)

    ## Thermal Characteristics
    ️· Rth(j-a) (Junction-to-Ambient Thermal Resistance): 50°C/W
    ️· Rth(j-c) (Junction-to-Case Thermal Resistance): 3.4°C/W
    ️· Tj (Operating Junction Temperature): -40°C to +125°C
    ️· Tstg (Storage Temperature Range): -40°C to +150°C
    ️· Tl (Lead Temperature for Soldering): 260°C (for 10s at 4.5mm from case)

    ## Features
    ️· Snubberless design (suppresses R-C network)
    ️· Suitable for phase control and static switching on inductive/resistive loads
    ️· High performance glass passivated chip technology
    ️· U.L. Recognized (E81734)
    ️· Insulating Voltage: 1500V (RMS)

    ## Package Information
    ️· Package Type: ISOWATT220AB (Plastic)
    ️· Weight: 2.1g
    ️· Recommended Torque: 0.55 m.N
    ️· Maximum Torque: 0.70 m.N

    ## Key Performance Metrics
    ️· I2t Value (half-cycle, 50Hz, tp=10ms): 28 A²s
    ️· Critical Rate of Rise of On-State Current (dI/dt): 20 A/µs (Repetitive), 100A/µs (Non-Repetitive)
    ️· Gate Power Dissipation (PGM): 10W (tp=20µs)
    ️· Gate Trigger Current (IGM): 4A (tp=20µs)
    ️· VTM (On-State Voltage): Max 1.5V (ITM = 8.5A)

    Part No.T620W
    ManufacturerSTMICROELECTRONICS
    Size62 Kbytes
    Pages5 pages
    DescriptionSNUBBERLESS TRIAC