データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T820W Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about T820W Datasheet

  • # Example questions: ➢ What is the typical gate trigger current (igt) for the t830w triac with a 12v dc gate voltage, a 33ω gate resistor, and a junction temperature of 25°c?
    ➢ What is the storage temperature range (tstg) within which the t820w / 830w triacs can operate without damage?
    ➢ What is the maximum rms on-state current (it(rms)) for the t820w triac at a case temperature of 95°c?

  • Part No.T820W
    ManufacturerSTMICROELECTRONICS
    Size62 Kbytes
    Pages5 pages
    DescriptionSNUBBERLESS TRIAC
    Datasheet Summary with AI

    # T820W / 830W Triac Datasheet Summary

    ## Electrical Characteristics
    ️· ITRMS: 8A (RMS on-state current)
    ️· VDRM/VRRM: 400V to 700V (Repetitive peak off-state voltage)
    ️· IGT (Gate Trigger Current): Max 30mA (Tj=25°C)
    ️· VGT (Gate Trigger Voltage): Max 1.5V (Tj=25°C)
    ️· IH (Holding Current): Max 50mA (Tj=25°C)
    ️· dV/dt: Min 200-300 V/µs (Gate open, Tj=125°C)
    ️· dI/dt: Critical rate of rise: 20 A/µs (Repetitive)

    ## Absolute Ratings
    ️· Storage Temperature (Tstg): -40 to +150 °C
    ️· Operating Junction Temperature (Tj): -40 to +125 °C
    ️· ITSM (Non-Repetitive Surge Peak On-State Current): 88A (tp=16.7ms), 100A (tp=10ms)
    ️· I2t: 50A²s

    ## Thermal Characteristics
    ️· Rth(j-a): 50 °C/W (Junction to ambient)
    ️· Rth(j-c): 3.1 °C/W (Junction to case)

    ## Package Information
    ️· Package: ISOWATT220AB (Plastic)
    ️· Weight: 2.1g
    ️· Recommended Torque: 0.55 m.N
    ️· Maximum Torque: 0.70 m.N

    ## Features
    ️· Snubberless design (R-C network suppression)
    ️· Suitable for phase control and static switching applications
    ️· Glass passivated chip technology
    ️· UL Recognized: E81734
    ️· Insulating Voltage: 1500V (RMS)

    ## Figures & Graphs Available
    ️· Maximum Power Dissipation vs. RMS On-State Current
    ️· RMS On-State Current vs. Case Temperature
    ️· Relative Variation of Gate Trigger/Holding Current vs. Junction Temperature
    ️· Thermal Transient Impedance
    ️· Non-Repetitive Surge Peak On-State Current vs. Number of Cycles
    ️· On-State Characteristics

    # T820W / 830W Triac Datasheet Summary

    ## Electrical Characteristics
    ️· ITRMS: 8A (RMS on-state current)
    ️· VDRM/VRRM: 400V to 700V (Repetitive peak off-state voltage)
    ️· IGT (Gate Trigger Current): Max 30mA (Tj=25°C)
    ️· VGT (Gate Trigger Voltage): Max 1.5V (Tj=25°C)
    ️· IH (Holding Current): Max 50mA (Tj=25°C)
    ️· dV/dt: Min 200-300 V/µs (Gate open, Tj=125°C)
    ️· dI/dt: Critical rate of rise: 20 A/µs (Repetitive)

    ## Absolute Ratings
    ️· Storage Temperature (Tstg): -40 to +150 °C
    ️· Operating Junction Temperature (Tj): -40 to +125 °C
    ️· ITSM (Non-Repetitive Surge Peak On-State Current): 88A (tp=16.7ms), 100A (tp=10ms)
    ️· I2t: 50A²s

    ## Thermal Characteristics
    ️· Rth(j-a): 50 °C/W (Junction to ambient)
    ️· Rth(j-c): 3.1 °C/W (Junction to case)

    ## Package Information
    ️· Package: ISOWATT220AB (Plastic)
    ️· Weight: 2.1g
    ️· Recommended Torque: 0.55 m.N
    ️· Maximum Torque: 0.70 m.N

    ## Features
    ️· Snubberless design (R-C network suppression)
    ️· Suitable for phase control and static switching applications
    ️· Glass passivated chip technology
    ️· UL Recognized: E81734
    ️· Insulating Voltage: 1500V (RMS)

    ## Figures & Graphs Available
    ️· Maximum Power Dissipation vs. RMS On-State Current
    ️· RMS On-State Current vs. Case Temperature
    ️· Relative Variation of Gate Trigger/Holding Current vs. Junction Temperature
    ️· Thermal Transient Impedance
    ️· Non-Repetitive Surge Peak On-State Current vs. Number of Cycles
    ️· On-State Characteristics

    Part No.T820W
    ManufacturerSTMICROELECTRONICS
    Size62 Kbytes
    Pages5 pages
    DescriptionSNUBBERLESS TRIAC